データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5292BRUZ-20 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5292BRUZ-20
部品情報  256-/1024-Position, Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-20 データシート(HTML) 1 Page - Analog Devices

  AD5292BRUZ-20 Datasheet HTML 1Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 2Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 3Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 4Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 5Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
256-/1024-Position, Digital Potentiometers with
Maximum ±1% R-Tolerance Error and 20-TP Memory
AD5291/AD5292
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 256-/1024-position resolution
20 kΩ, 50 kΩ, and 100 kΩ nominal resistance
Maximum ±1% nominal resistor tolerance error (resistor
performance mode)
20-times programmable wiper memory
Rheostat mode temperature coefficient: 35 ppm/°C
Voltage divider temperature coefficient: 5 ppm/°C
+9 V to +33 V single-supply operation
±9 V to ±16.5 V dual-supply operation
SPI-compatible serial interface
Wiper setting readback
Power-on refreshed from 20-TP memory
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain and offset adjustment
Programmable voltage-to-current conversion
Programmable filters, delays, and time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
A
W
B
RDAC
REGISTER
DATA
SERIAL
INTERFACE
SYNC
SCLK
DIN
POWER-ON
RESET
OTP
MEMORY
BLOCK
VLOGIC
SDO
EXT_CAP
VDD
VSS
GND
AD5291/
AD5292
RESET
RDY
Figure 1.
GENERAL DESCRIPTION
The AD5291 and AD5292 are single-channel, 256-/1024-
position digital potentiometers1 that combine industry leading
variable resistor performance with nonvolatile memory (NVM)
in a compact package. These devices are capable of operating
across a wide voltage range, supporting both dual supply
operation at ±10.5 V to ±16.5 V and single supply operation at
+21 V to +33 V, while ensuring less than 1% end-to-end resistor
tolerance error and offering 20-time programmable (20-TP)
memory.
The guaranteed industry leading low resistor tolerance error
feature simplifies open-loop applications as well as precision
calibration and tolerance matching applications.
1 The terms digital potentiometer and RDAC are used interchangeably.
The AD5291 and AD5292 device wiper settings are controllable
through the SPI digital interface. Unlimited adjustments are
allowed before programming the resistance value into the
20-TP memory. The AD5291 and AD5292 do not require any
external voltage supply to facilitate fuse blow, and there are 20
opportunities for permanent programming. During 20-TP
activation, a permanent blow fuse command freezes the wiper
position (analogous to placing epoxy on a mechanical trimmer).
The AD5291 and AD5292 are available in a compact 14-lead
TSSOP package. The part is guaranteed to operate over the
extended industrial temperature range of −40°C to +105°C.


同様の部品番号 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

同様の説明 - AD5292BRUZ-20

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com