データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5300BRTZ-500RL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5300BRTZ-500RL7
部品情報  2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5300BRTZ-500RL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD5300BRTZ-500RL7 Datasheet HTML 2Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 3Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 4Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 5Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 6Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 7Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 8Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 9Page - Analog Devices AD5300BRTZ-500RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CODE
1.0
0.5
–1.0
050
250
100
150
200
0
–0.5
INL @ 3V
INL @ 5V
TA = 25 C
Figure 2. Typical INL Plot
TEMPERATURE – C
1.0
0.5
–1.0
–40
0
120
40
80
0
–0.5
MAX INL
MIN INL
MAX DNL
MIN DNL
VDD = 5V
Figure 5. INL Error and DNL Error
vs. Temperature
ISOURCE/SINK – mA
3
2
0
0
515
10
1
DAC LOADED WITH FF HEX
TA = 25 C
DAC LOADED WITH 00 HEX
Figure 8. Source and Sink Current
Capability with VDD = 3 V
CODE
0.5
0.4
–0.5
050
250
100
150
200
–0.1
–0.2
–0.3
–0.4
0.3
0.1
0.2
0
TA = 25 C
DNL @ 5V
DNL @ 3V
Figure 3. Typical DNL Plot
TEMPERATURE – C
3
2
–3
–40
120
040
80
0
–1
VDD = 5V
–2
1
ZS ERROR
FS ERROR
Figure 6. Zero-Scale Error and
Full-Scale Error vs. Temperature
ISOURCE/SINK – mA
5
4
0
0
515
10
3
2
1
DAC LOADED WITH 00 HEX
TA = 25 C
DAC LOADED WITH FF HEX
Figure 9. Source and Sink Current
Capability with VDD = 5 V
CODE
1.0
0.5
–1.0
0
50
250
100
150
200
0
–0.5
TA = 25 C
TUE @ 5V
TUE @ 3V
Figure 4. Typical Total Unadjusted
Error Plot
2500
2000
500
50
1500
1000
0
70
90
110
130
150
170
190
60
80
100
120
140
160
180
VDD = 3V
VDD = 5V
IDD – A
Figure 7. IDD Histogram with
VDD = 3 V and VDD = 5 V
CODE
500
400
0
0
50
250
100
150
200
300
200
100
VDD = 3V
VDD = 5V
Figure 10. Supply Current vs. Code
AD5300–Typical Performance Characteristics
–6–
REV. D


同様の部品番号 - AD5300BRTZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5300BRTZ-500RL7 AD-AD5300BRTZ-500RL7 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
More results

同様の説明 - AD5300BRTZ-500RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com