データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9139 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9139
部品情報  16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9139 データシート(HTML) 4 Page - Analog Devices

  AD9139 Datasheet HTML 1Page - Analog Devices AD9139 Datasheet HTML 2Page - Analog Devices AD9139 Datasheet HTML 3Page - Analog Devices AD9139 Datasheet HTML 4Page - Analog Devices AD9139 Datasheet HTML 5Page - Analog Devices AD9139 Datasheet HTML 6Page - Analog Devices AD9139 Datasheet HTML 7Page - Analog Devices AD9139 Datasheet HTML 8Page - Analog Devices AD9139 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9139
Data Sheet
Rev. 0 | Page 4 of 56
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±2.1
LSB
Integral Nonlinearity (INL)
±3.7
LSB
MAIN DAC OUTPUT
Offset Error
−0.001
0
+0.001
% FSR
Gain Error
With internal reference
−3.2
+2
+4.7
% FSR
Full-Scale Output Current
10 kΩ external resistor between FSADJ and AVSS
19.06
19.8
20.6
mA
Output Compliance Range
−1.0
+1.0
V
Output Resistance
10
Gain DAC Monotonicity
Guaranteed
Settling Time to Within ±0.5 LSB
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
ppm/°C
Gain
100
ppm/°C
Reference Voltage
30
ppm/°C
REFERENCE
Internal Reference Voltage
1.17
1.19
V
Output Resistance
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
CVDD18
1.7
1.8
1.9
V
DIGITAL SUPPLY VOLTAGES
DVDD18
1.7
1.8
1.9
V
DVDD18 Variation over Operating
Conditions1
−2.5%
+2.5%
V
POWER CONSUMPTION
1× Mode
fDAC = 614 MSPS
440
mW
fDAC = 1230 MSPS
700
mW
2× Mode
fDAC = 800 MSPS
670
mW
fDAC = 1600 MSPS
1150
mW
Phase-Locked Loop
70
mW
Inverse Sinc
fDAC = 1230 MSPS
60
mW
Reduced Power Mode (Power-Down)
57.3
mW
AVDD33 Current
0.4
mA
CVDD18 Current
26.6
mA
DVDD18 Current
4.5
mA
OPERATING RANGE
−40
+25
+85
°C
1
This parameter specifies the maximum allowable variation of DVDD18 over operating conditions compared with the DVDD18 presented to the device at the time the
data interface DLL is enabled.


同様の部品番号 - AD9139

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-DUAL-EBZ AD-AD9139-DUAL-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139-EBZ AD-AD9139-EBZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZ AD-AD9139BCPZ Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9139BCPZRL AD-AD9139BCPZRL Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
More results

同様の説明 - AD9139

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com