データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB117H データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FSB117H
部品情報  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB117H データシート(HTML) 2 Page - Fairchild Semiconductor

  FSB117H Datasheet HTML 1Page - Fairchild Semiconductor FSB117H Datasheet HTML 2Page - Fairchild Semiconductor FSB117H Datasheet HTML 3Page - Fairchild Semiconductor FSB117H Datasheet HTML 4Page - Fairchild Semiconductor FSB117H Datasheet HTML 5Page - Fairchild Semiconductor FSB117H Datasheet HTML 6Page - Fairchild Semiconductor FSB117H Datasheet HTML 7Page - Fairchild Semiconductor FSB117H Datasheet HTML 8Page - Fairchild Semiconductor FSB117H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
2
Ordering Information
Part Number
SenseFET
Operating
Temperature Range
Package
Packing Method
FSB117HNY
1 A, 700 V
-40°C to +105°C
8-Pin, Dual In-Line Package (DIP)
Tube
FSB127HNY
2 A, 700 V
FSB147HNY
4 A, 700 V
Application Diagram
Figure 1.
Typical Flyback Application
Table 1.
Output Power Table
(1)
Product
230 VAC ±15%
(2)
85-265 VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
FSB117H
10 W
15 W
9 W
13 W
FSB127H
14 W
20 W
11 W
16 W
FSB147H
23 W
35 W
17 W
26 W
Notes:
1.
The maximum output power can be limited by junction temperature.
2.
230 VAC or 100/115 VAC with voltage doubler.
3.
Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern of printed circuit
board (PCB) as a heat sink, at 50
C ambient.
4.
Maximum practical continuous power in an open-frame design with sufficient drain pattern of printed circuit board
(PCB) as a heat sink, at 50
C ambient.


同様の部品番号 - FSB117H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
More results

同様の説明 - FSB117H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com