データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB147H データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FSB147H
部品情報  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB147H データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB147H Datasheet HTML 2Page - Fairchild Semiconductor FSB147H Datasheet HTML 3Page - Fairchild Semiconductor FSB147H Datasheet HTML 4Page - Fairchild Semiconductor FSB147H Datasheet HTML 5Page - Fairchild Semiconductor FSB147H Datasheet HTML 6Page - Fairchild Semiconductor FSB147H Datasheet HTML 7Page - Fairchild Semiconductor FSB147H Datasheet HTML 8Page - Fairchild Semiconductor FSB147H Datasheet HTML 9Page - Fairchild Semiconductor FSB147H Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
6
Electrical Characteristics
VDD=15 V, TA=25C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
SenseFET Section
(12)
BVDSS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0 V
700
V
IDSS
Zero-Gate-Voltage Drain Current
VDS=700 V,
VGS=0 V
50
μA
VDS=560 V,
VGS=0 V, TC=125C
200
RDS(ON)
Drain-Source On-State
Resistance
(13)
FSB117H
VGS=10 V, ID=0.5 A
8.8
11.0
FSB127H
6.0
7.2
FSB147H
VGS=10 V, ID=2.5 A
2.3
2.7
CISS
Input Capacitance
FSB117H
VGS=0 V, VDS=25 V,
f=1 MHz
250
325
pF
FSB127H
550
715
FSB147H
450
500
COSS
Output Capacitance
FSB117H
VGS=0 V, VDS=25 V,
f=1 MHz
25
33
pF
FSB127H
38
50
FSB147H
60
72
CRSS
Reverse Transfer Capacitance
FSB117H
VGS=0 V, VDS=25 V,
f=1 MHz
10
15
pF
FSB127H
17
26
FSB147H
7
21
td(on)
Turn-On Delay
FSB117H
VDS=350 V,
ID=1.0 A
12
34
ns
FSB127H
20
50
FSB147H
12
35
tr
Rise Time
FSB117H
VDS=350 V,
ID=1.0 A
4
18
ns
FSB127H
15
40
FSB147H
20
50
td(off)
Turn-Off Delay
FSB117H
VDS=350 V,
ID=1.0 A
30
70
ns
FSB127H
55
120
FSB147H
30
70
tf
Fall Time
FSB117H
VDS=350 V,
ID=1.0 A
10
30
ns
FSB127H
25
60
FSB147H
16
42
Continued on the following page…


同様の部品番号 - FSB147H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
logo
List of Unclassifed Man...
FSB147HNY ETC2-FSB147HNY Datasheet
875Kb / 18P
   Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
More results

同様の説明 - FSB147H

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com