データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C554FNRG4 データシート(PDF) 8 Page - Texas Instruments

部品番号 TL16C554FNRG4
部品情報  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C554FNRG4 データシート(HTML) 8 Page - Texas Instruments

Back Button TL16C554FNRG4 Datasheet HTML 4Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 5Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 6Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 7Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 8Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 9Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 10Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 11Page - Texas Instruments TL16C554FNRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmitter switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 6, 7, and 8)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td5
Delay time, INTx
↓ to TXx↓ at start
8
24
RCLK
cycles
td6
Delay time, TXx
↓ at start to INTx↑
See Note 5
8
8
RCLK
cycles
td7
Delay time, IOW high or low (WR THR) to INTx
See Note 5
16
32
RCLK
cycles
td8
Delay time, TXx
↓ at start to TXRDY↓
CL = 100 pF
8
RCLK
cycles
tpd1
Propagation delay time, IOW (WR THR)
↓ to INTx↓
CL = 100 pF
35
ns
tpd2
Propagation delay time, IOR (RD IIR)
↑ to INTx↓
CL = 100 pF
30
ns
tpd3
Propagation delay time, IOW (WR THR)
↑ to TXRDY↑
CL = 100 pF
50
ns
NOTE 5: If the transmitter interrupt delay is active, this delay is lengthened by one character time minus the last stop bit time.
receiver switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figures 9 through 13)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td9
Delay time, stop bit to INTx
↑ or stop bit to RXRDY↓ or read RBR to set interrupt
See Note 6
1
RCLK
cycle
tpd4
Propagation delay time, Read RBR/LSR to INTx
↓/LSR interrupt↓
CL = 100 pF,
See Note 7
40
ns
tpd5
Propagation delay time, IOR RCLK
↓ to RXRDY↑
See Note 7
30
ns
NOTES:
6. The receiver data available indicator, the overrun error indicator, the trigger level interrupts, and the active RXRDY indicator are
delayed three RCLK (internal receiver timing clock) cycles in the FIFO mode (FCR0 = 1). After the first byte has been received, status
indicators (PE, FE, BI) are delayed three RCLK cycles. These indicators are updated immediately for any further bytes received after
IOR goes active for a read from the RBR register. There are eight RCLK cycle delays for trigger change level interrupts.
7. RCLK is an internal signal derived from divisor latch LSB (DLL) and divisor latch MSB (DLM) divisor latches.
modem control switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 100 pF (see Figure 14)
PARAMETER
MIN
MAX
UNIT
tpd6
Propagation delay time, IOW (WR MCR)
↑ to RTSx, DTRx↑
50
ns
tpd7
Propagation delay time, modem input CTSx, DSRx, and DCDx
↓↑ to INTx↑
30
ns
tpd8
Propagation delay time, IOR (RD MSR)
↑ to interrupt↓
35
ns
tpd9
Propagation delay time, RIx
↑ to INTx↑
30
ns


同様の部品番号 - TL16C554FNRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C554FN TI-TL16C554FN Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

同様の説明 - TL16C554FNRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com