データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C554IFNR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C554IFNR
部品情報  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C554IFNR データシート(HTML) 5 Page - Texas Instruments

  TL16C554IFNR Datasheet HTML 1Page - Texas Instruments TL16C554IFNR Datasheet HTML 2Page - Texas Instruments TL16C554IFNR Datasheet HTML 3Page - Texas Instruments TL16C554IFNR Datasheet HTML 4Page - Texas Instruments TL16C554IFNR Datasheet HTML 5Page - Texas Instruments TL16C554IFNR Datasheet HTML 6Page - Texas Instruments TL16C554IFNR Datasheet HTML 7Page - Texas Instruments TL16C554IFNR Datasheet HTML 8Page - Texas Instruments TL16C554IFNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
FN
NO.
PN
NO.
I/O
DESCRIPTION
INTA, INTB,
INTC, INTD
15, 21,
49, 55
27, 34,
67, 74
O
External interrupt output. The INTx outputs go high (when enabled by the interrupt register) and
inform the CPU that the ACE has an interrupt to be serviced. Four conditions that cause an interrupt
to be issued are: a receiver error, receiver data available or timeout (FIFO mode only), transmitter
holding register empty, and an enabled modem status interrupt. The interrupt is disabled when it is
serviced or as the result of a master reset.
IOR
52
70
I
Read strobe. A low level on IOR transfers the contents of the TL16C554 data bus to the external CPU
bus.
IOW
18
31
I
Write strobe. IOW allows the CPU to write into the selected address by the address register.
RESET
37
53
I
Master reset. When active, RESET clears most ACE registers and sets the state of various signals.
The transmitter output and the receiver input is disabled during reset time.
RIA, RIB,
RIC, RID
8, 28,
42, 62
18, 43,
58, 3
I
Ring detect indicator. A low on RIx indicates the modem has received a ring signal from the telephone
line. The condition of this signal can be checked by reading bit 6 of the modem status register.
RTSA, RTSB,
RTSC, RTSD
14, 22,
48, 56
26, 35,
66, 75
O
Request to send. When active, RTSx informs the modem or data set that the ACE is ready to receive
data. Writing a 1 in the modem control register sets this bit to a low state. After reset, this terminal
is set high. These terminals have no affect on the transmit or receive operation.
RXA, RXB
RXC, RXD
7, 29,
41, 63
17, 44,
57, 4
I
Serial input. RXx is a serial data input from a connected communications device. During loopback
mode, the RXx input is disabled from external connection and connected to the TXx output internally.
RXRDY
38
54
O
Receive ready. RXRDY goes low when the receive FIFO is full. It can be used as a single transfer
or multitransfer.
TXA, TXB
TXC, TXD
17, 19,
51, 53
29, 32,
69, 72
O
Transmit outputs. TXx is a composite serial data output that is connected to a communications
device. TXA, TXB, TXC, and TXD are set to the marking (high) state as a result of reset.
TXRDY
39
55
O
Transmit ready. TXRDY goes low when the transmit FIFO is full. It can be used as a single transfer
or multitransfer function.
VCC
13, 30,
47, 64
5, 25,
45, 65
Power supply
XTAL1
35
50
I
Crystal input 1 or external clock input. A crystal can be connected to XTAL1 and XTAL2 to utilize the
internal oscillator circuit. An external clock can be connected to drive the internal clock circuits.
XTAL2
36
51
O
Crystal output 2 or buffered clock output (see XTAL1).
absolute maximum ratings over free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to VCC + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 70
°C
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TL16C554
−0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL16C554I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage levels are with respect to GND.


同様の部品番号 - TL16C554IFNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C554IFN TI-TL16C554IFN Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

同様の説明 - TL16C554IFNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com