データシートサーチシステム |
|
TL1451ACPW データシート(PDF) 7 Page - Texas Instruments |
|
|
TL1451ACPW データシート(HTML) 7 Page - Texas Instruments |
7 / 37 page TL1451A DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999 7 www.ti.com short-circuit protection control section PARAMETER TEST CONDITIONS TL1451AQ, TL1451AM UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT TA = 25°C 650 700 750 Input threshold voltage (SCP) TA = 125°C 400 478 550 mV In ut threshold voltage (SCP) TA = MIN 800 880 950 mV Standby voltage (SCP) 140 185 230 mV TA = 25°C 60 120 Latched input voltage (SCP) TA = 125°C 70 120 mV Latched in ut voltage (SCP) TA = MIN 60 120 mV Equivalent timing resistance 170 k Ω Comparator threshold voltage (FEEDBACK) 1.18 V † All typical values are at TA = 25°C unless otherwise indicated. oscillator section PARAMETER TEST CONDITIONS TL1451AQ, TL1451AM UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT C 330 F TA = 25°C 200 Frequency CT = 330 pF, RT =10kΩ TA = 125°C 195 kHz Frequency RT = 10 kΩ TA = MIN 193 kHz Standard deviation of frequency CT = 330 pF, RT = 10 kΩ 2% TA = 25°C 1% Frequency change with voltage VCC = 3.6 V to 40 V TA = 125°C 1% Frequency change with voltage VCC 3.6 V to 40 V TA = MIN 3% Frequency change with temperature 1.37% * ±10% *These parameters are not production tested. † All typical values are at TA = 25°C unless otherwise indicated. dead-time control section PARAMETER TEST CONDITIONS TL1451AQ, TL1451AM UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT Inp t bias c rrent (DTC) TA = 25°C 1 A Input bias current (DTC) TA = MIN and 125°C 3 µA Latch mode (source) current (DTC) –80 –145 µA TA = 25°C 2.30 Latched input voltage (DTC) TA = 125°C 2.22 2.32 V Latched in ut voltage (DTC) TA = MIN 2.28 2.40 V Input threshold voltage at f 10 kHz (DTC) Zero duty cycle 2.05 *2.25 V Input threshold voltage at f = 10 kHz (DTC) Maximum duty cycle *1.20 1.45 V *These parameters are not production tested. † All typical values are at TA = 25°C unless otherwise indicated. |
同様の部品番号 - TL1451ACPW |
|
同様の説明 - TL1451ACPW |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |