データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93SX39-T データシート(PDF) 3 Page - Honeywell Accelerometers

部品番号 93SX39-T
部品情報  Basic Switches Subminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL-ACC [Honeywell Accelerometers]
ホームページ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

93SX39-T データシート(HTML) 3 Page - Honeywell Accelerometers

  93SX39-T Datasheet HTML 1Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 2Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 3Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 4Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 5Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Basic Switches
SX Series
Subminiature
22
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ORDER GUIDE by ascending electrical capability
PIN PLUNGER
Electrical
Data and O.F. max.
R.F. min.
P.T. max. O.T. min. D.T. max.
O.P.*
Catalog
UL Code
newtons
newtons
mm
mm
mm
mm
Listing
Recommended for
Page 20
ounces
ounces
inches
inches
inches
inches
11SX91-T
Logic level loads
At
1,39
0,28
0,51
0,1
0,1
8,13
5VDC, 2mA; SPNO
Left
5
1
.020
.004
.004
.320
12SX2-T
Best reliability
.010 Amp 0,7 to 1.39
0,28
0,51
0,1
0,051
8,13
(Bifurcated gold contacts)
H
2.5 to 5
1
.020
.004
.002
.320
3SX1-T
Applications requiring gold
1 Amp
1,39
0,28
0,51
0,1
0,13
8,13
contacts (1SX type)
D
5
1
.020
.004
.005
.320
12SX1-T
Best reliability with
1 Amp
1,39
0,28
0,51
0,1
0,076
8,13
higher current rating
D
5
1
.020
.004
.003
.320
(Bifurcated gold contacts)
12SX3-T
Lowest differential travel
1 Amp
1,39
0,28
0,51
0,1
0,025
8,13
with bifurcated gold contacts
H
5
1
.020
.004
.001
.320
13SX21-T
Applications requiring gold
1 Amp
1,39
0,28
0,51
0,1
0,051
8,13
contacts. 11SX type.
D
5
1
.020
.004
.002
.320
23SX39-T
MIL-S-8805 applications
1 Amp
1,39
0,28
0,51
0,1
0,13
8,13
(MS24547-2)
requiring gold contacts
D
5
1
.020
.004
.005
.320
+180°F (82°C) max. use
23SX39-T2
As above, with
1 Amp
1,39
0,28
0,51
0,1
0,13
8,13
(MS24547-5)
T2 terminals
D
5
1
.020
.004
.005
.320
93SX39-T
.156 wide, with gold
contacts
+180°F (82°C)
1 Amp
1,39
0,28
0,51
0,1
0,13
8,13
M8805/109-03
D
5
1
.020
.004
.005
.320
411SX21-T
+400°F (204°C)
G
1,39
0,28
0,51
0,1
0,13
8,13
M8805/106-01
for 100 hours
5
1
.020
.004
.005
.220
413SX21-T
+400°F (204°C)
L
1,39
0,28
0,51
0,1
0,051
8,13
M8805/106-02
for 100 hours
5
1
.020
.004
.002
.220
11SX1-T
Lowest differential travel
3 Amps
0,97
0,21
0,51
0,1
0,025
8,13
E
3.5
0.75
.020
.004
.001
.320
11SX21-T
Most applications
5 Amps
0,7 to 1,39
0,28
0,51
0,1
0,051
8,13
A
2.5 to 5
1
.020
.004
.002
.320
11SX22-T
For use in sealed
5 Amps
1,39
0,28
0,51
0,1
0,076
8,13
enclosures.
A
5
1
.020
.004
.003
.320
17SX21-T
Best stability under varying
5 Amps
1,39
0,28
0,51
0,1
0,051
8,13
humidity. 11SX type.
A
5
1
.020
.004
.002
.320
1SX1-T
Up to 7 amps load handling
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
B
5
1
.020
.004
.005
.320
1SX12-T
Low differential travel
7 Amps
1,39
0,28
0,51
0,1
0,051
8,13
C
5
1
.020
.004
.002
.320
1SX48-T
Added overtravel
7 Amps
1,39
0,28
0,51
0,25
0,13
8,13
B
5
1
.020
.010
.005
.320
2SX1-T
Lower force
7 Amps
0,83
0,28
0,51
0,1
0,13
8,13
B
3
1
.020
.004
.005
.320
4SX1-T
Operating in temperature
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
to
+400°F (204°C)
for 100 hours
I
5
1
.020
.004
.005
.320
21SX1-T
Best stability under varying
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
humidity (1SX type)
B
5
1
.020
.004
.005
.320
21SX39-T
MIL-S-8805 application
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
(MS24547-1)
requirements
+180°F (82°C)
F
5
1
.020
.004
.005
.320
21SX39-T2
MIL-S-8805 application
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
(MS24547-4)
requirements
+180°F (82°C)
F
5
1
.020
.004
.005
.320
91SX39-T
.156 wide version
7 Amps
1,39
0,28
0,51
0,1
0,13
8,13
M8805/109-01
of standard SX
+180°F
(82
°C)
F
5
1
.020
.004
.005
.320
*
±0,38 mm
±.015 in.
Dim. Dwg. Fig. 1
(Except Fig. 2
for 91SX39-T
and 93SX34-T)


同様の部品番号 - 93SX39-T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43DC ETC1-93S43DC Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43DM ETC1-93S43DM Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43FC ETC1-93S43FC Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43FM ETC1-93S43FM Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
More results

同様の説明 - 93SX39-T

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com