データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93SX39-T データシート(PDF) 4 Page - Honeywell Accelerometers

部品番号 93SX39-T
部品情報  Basic Switches Subminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL-ACC [Honeywell Accelerometers]
ホームページ  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

93SX39-T データシート(HTML) 4 Page - Honeywell Accelerometers

  93SX39-T Datasheet HTML 1Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 2Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 3Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 4Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 5Page - Honeywell Accelerometers 93SX39-T Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Basic Switches
SX Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
23
Characteristics: O.F. – Operating Force; R.F. – Release Force; P.T. –
Pretravel; O.T. – Overtravel; D.T. – Differential Travel; O.P. – Operating
Position
ORDER GUIDE
INTEGRAL LEVERS
Electrical
Data And O.F. max. R.F. min. P.T. max. O.T. min. D.T. max.
O.P.
Catalog
UL Code
newtons newtons
mm
mm
mm
mm
Listing
Description
Page 20
ounces
ounces
inches
inches
inches
inches
311SX1-T
.135 inch (3,43 mm)
straight lever
5 Amps
0,49
0,09
1,65
0,36
0,51
8,43
±1,14
A
1.76
.32
.065
.014
.020
.332
±.045
313SX1-T
As above with gold
contacts
1 Amp
0,49
0,09
1,65
0,36
0,51
8,43
±1,14
D
1.76
.32
.065
.014
.020
.332
±.045
Dim. Dwg. Fig. 3
311SX2-T
.505 inch (12,8 mm)
straight lever
5 Amps
0,31
0,05
2,92
0,64
0,89
8,26
±1,91
A
1.1
.18
.115
.025
.035
.325
±.075
313SX2-T
As above with gold
contacts
1 Amp
0,31
0,05
2,92
0,64
0,89
8,26
±1,91
D
1.1
.18
.115
.025
.035
.325
±.075
Dim. Dwg. Fig. 3
311SX3-T
.965 inch (24,5 mm)
straight lever
5 Amps
0,20
0,03
4,70
0,61
1,52
7,75
±2,92
A
.71
.11
.185
.024
.060
.305
±.115
313SX3-T
As above with gold
contacts
1 Amp
0,20
0,03
4,70
0,61
1,52
7,75
±2,92
D
.71
.11
.185
.024
.060
.305
±.115
Dim. Dwg. Fig. 4
311SX4-T
.042 inch (1,1 mm)
simulated roller lever
5 Amps
0,58
0,11
1,27
0,25
0,38
14,15
±0,91
A
2.1
.39
.050
.010
.015
.557
±.036
313SX4-T
As above with gold
contacts
1 Amp
0,58
0,11
1,27
0,25
0,38
14,15
±0,91
D
2.1
.39
.050
.010
.015
.557
±.036
Dim. Dwg. Fig. 5
311SX5-T
.459 inch (11,7 mm)
simulated roller lever
5 Amps
0,31
0,05
2,67
0,56
0,89
14,86
±1,65
A
1.1
.18
.105
.022
.035
.585
±.065
313SX5-T
As above, with gold
contacts
1 Amp
0,31
0,05
2,67
0,56
0,89
14,86
±1,65
D
1.1
.18
.105
.022
.035
.585
±.065
Dim. Dwg. Fig. 6


同様の部品番号 - 93SX39-T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43DC ETC1-93S43DC Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43DM ETC1-93S43DM Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43FC ETC1-93S43FC Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
93S43FM ETC1-93S43FM Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
More results

同様の説明 - 93SX39-T

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
logo
Honeywell Solid State E...
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Omron Electronics LLC
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com