データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1451CNS データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1451CNS
部品情報  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1451CNS データシート(HTML) 5 Page - Texas Instruments

  TL1451CNS Datasheet HTML 1Page - Texas Instruments TL1451CNS Datasheet HTML 2Page - Texas Instruments TL1451CNS Datasheet HTML 3Page - Texas Instruments TL1451CNS Datasheet HTML 4Page - Texas Instruments TL1451CNS Datasheet HTML 5Page - Texas Instruments TL1451CNS Datasheet HTML 6Page - Texas Instruments TL1451CNS Datasheet HTML 7Page - Texas Instruments TL1451CNS Datasheet HTML 8Page - Texas Instruments TL1451CNS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
5
www.ti.com
dead-time control section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input bias current (DTC)
1
µA
Latch mode (source) current (DTC)
TA = 25°C
–80
–145
µA
Latched input voltage (DTC)
IO = 40 µA
2.3
V
Input threshold voltage at f
10 kHz (DTC)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10 kHz (DTC)
Maximum duty cycle
1.2
1.45
V
† All typical values are at TA = 25°C.
error-amplifier section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input offset voltage
VO (FEEDBACK) = 1.25 V
±6
mV
Input offset current
VO (FEEDBACK) = 1.25 V
±100
nA
Input bias current
VO (FEEDBACK) = 1.25 V
160
500
nA
1.05
Common-mode input voltage range
VCC = 3.6 V to 40 V
1.05
to
V
Common mode in ut voltage range
VCC = 3.6 V to 40 V
to
1.45
V
Open-loop voltage amplification
RF = 200 kΩ
70
80
dB
Unity-gain bandwidth
1.5
MHz
Common-mode rejection ratio
60
80
dB
Positive output voltage swing
Vref–0.1
V
Negative output voltage swing
1
V
Output (sink) current (FEEDBACK)
VID = –0.1 V,
VO = 1.25 V
0.5
1.6
mA
Output (source) current (FEEDBACK)
VID = 0.1 V,
VO = 1.25 V
–45
–70
µA
† All typical values are at TA = 25°C.
output section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Collector off-state current
VO = 50 V
10
µA
Output saturation voltage
IO = 10 mA
1.2
2
V
Short-circuit output current
VO = 6 V
90
mA
† All typical values are at TA = 25°C.
pwm comparator section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage at f
10 kHz (FEEDBACK)
Zero duty cycle
2.05
2.25
V
Input threshold voltage at f = 10 kHz (FEEDBACK)
Maximum duty cycle
1.2
1.45
V
† All typical values are at TA = 25°C.
total device
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Standby supply current
Off-state
1.3
1.8
mA
Average supply current
RT = 10 kΩ
1.7
2.4
mA
† All typical values are at TA = 25°C.


同様の部品番号 - TL1451CNS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1451CNS TI-TL1451CNS Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451CNSG4 TI-TL1451CNSG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451CNSR TI-TL1451CNSR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

同様の説明 - TL1451CNS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com