データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA06P4S14THSG データシート(PDF) 9 Page - EPCOS

部品番号 CA06P4S14THSG
部品情報  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

CA06P4S14THSG データシート(HTML) 9 Page - EPCOS

Back Button CA06P4S14THSG Datasheet HTML 5Page - EPCOS CA06P4S14THSG Datasheet HTML 6Page - EPCOS CA06P4S14THSG Datasheet HTML 7Page - EPCOS CA06P4S14THSG Datasheet HTML 8Page - EPCOS CA06P4S14THSG Datasheet HTML 9Page - EPCOS CA06P4S14THSG Datasheet HTML 10Page - EPCOS CA06P4S14THSG Datasheet HTML 11Page - EPCOS CA06P4S14THSG Datasheet HTML 12Page - EPCOS CA06P4S14THSG Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Part orientation in tape pocket for blister tape
For discrete chip, case sizes 0603, 0805,
1206, 1210, 1812 and 2220
For array, case sizes 0612
For arrays 0506 and 1012
For filter array, case size 0508
Additional taping information
Reel material
Polystyrol (PS)
Tape material
Polystyrol (PS) or Polycarbonat (PC) or PVC
Tape break force
min. 10 N
Top cover tape strength
min. 10 N
Top cover tape peel force
0.2 to 0.6 N for 8-mm tape and 0.2 to 0.8 N for
12-mm tape at a peel speed of 300 mm/min
Tape peel angle
Angle between top cover tape and the direction of feed
during peel off: 165
° to 180°
Cavity play
Each part rests in the cavity so that the angle between
the part and cavity center line is no more than 20
°
Multilayer varistors (MLVs)
High-speed series
Page 9 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


同様の部品番号 - CA06P4S14THSG

メーカー部品番号データシート部品情報
logo
EPCOS
CA06P4S17ALCG EPCOS-CA06P4S17ALCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
logo
List of Unclassifed Man...
CA06P4S17ALCGK2 ETC-CA06P4S17ALCGK2 Datasheet
60Kb / 6P
   SMD Multilayer Varistor Array with AgPt Termination
logo
EPCOS
CA06P4S17ALCGK2 EPCOS-CA06P4S17ALCGK2 Datasheet
102Kb / 5P
   Multiple elements in one component
CA06P4S17TLCG EPCOS-CA06P4S17TLCG Datasheet
757Kb / 34P
   Ceramic transient voltage suppressors
More results

同様の説明 - CA06P4S14THSG

メーカー部品番号データシート部品情報
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com