データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5203ARUZ100 データシート(PDF) 11 Page - Analog Devices

部品番号 AD5203ARUZ100
部品情報  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5203ARUZ100 データシート(HTML) 11 Page - Analog Devices

Back Button AD5203ARUZ100 Datasheet HTML 4Page - Analog Devices AD5203ARUZ100 Datasheet HTML 5Page - Analog Devices AD5203ARUZ100 Datasheet HTML 6Page - Analog Devices AD5203ARUZ100 Datasheet HTML 7Page - Analog Devices AD5203ARUZ100 Datasheet HTML 8Page - Analog Devices AD5203ARUZ100 Datasheet HTML 9Page - Analog Devices AD5203ARUZ100 Datasheet HTML 10Page - Analog Devices AD5203ARUZ100 Datasheet HTML 11Page - Analog Devices AD5203ARUZ100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD5203
–11–
REV. 0
The data setup and data hold times in the specification table
determine the data valid time requirements. The last eight bits
of the data word entered into the serial register are held when
CS returns high. At the same time CS goes high it gates the
address decoder which enables one of four positive edge trig-
gered RDAC latches, see Figure 36 detail.
RDAC 1
RDAC 2
RDAC 4
AD5203
SDI
CLK
CS
ADDR
DECODE
SERIAL
REGISTER
Figure 36. Equivalent Input Control Logic
The target RDAC latch is loaded with the last six bits of the
serial data word completing one RDAC update. Four separate
8-bit data words must be clocked in to change all four VR
settings.
SERIAL
REGISTER
SDI
CK
RS
D
Q
SHDN
CS
CLK
RS
SDO
Figure 37. Detail, SDO Output Schematic of the AD5203
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure shown in Figure 38. Applies to
digital input pins
CS, SDI, SDO, RS, SHDN, CLK.
1k
LOGIC
Figure 38. Equivalent ESD Protection Circuit
DYNAMIC CHARACTERISTICS
The total harmonic distortion plus noise (THD+N) measures
0.003% using an offset ground with a rail-to-rail OP279 invert-
ing op amp test circuit, see Figure 30. Figure 15 plots THD
versus frequency for both inverting and noninverting amplifier
topologies. Thermal noise is primarily Johnson noise, typically
9 nV/
√Hz for the 10 kΩ version measured at 1 kHz. For the
100 k
Ω device, thermal noise measures 29 nV/√Hz. Channel-to-
channel crosstalk measures less than –65 dB at f = 100 kHz. To
achieve this isolation, the extra ground pins (AGND) located
between the potentiometer terminals (A, B, W) must be con-
nected to circuit ground. The AGND and DGND pins should
be at the same voltage potential. Any unused potentiometers in
a package should be connected to ground. Power supply rejec-
tion is typically –50 dB at 10 kHz (care is needed to minimize
power supply ripple injection in high accuracy applications).


同様の部品番号 - AD5203ARUZ100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5203ARU10 AD-AD5203ARU10 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARU100 AD-AD5203ARU100 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

同様の説明 - AD5203ARUZ100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com