データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5203ARU100 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5203ARU100
部品情報  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5203ARU100 データシート(HTML) 9 Page - Analog Devices

Back Button AD5203ARU100 Datasheet HTML 4Page - Analog Devices AD5203ARU100 Datasheet HTML 5Page - Analog Devices AD5203ARU100 Datasheet HTML 6Page - Analog Devices AD5203ARU100 Datasheet HTML 7Page - Analog Devices AD5203ARU100 Datasheet HTML 8Page - Analog Devices AD5203ARU100 Datasheet HTML 9Page - Analog Devices AD5203ARU100 Datasheet HTML 10Page - Analog Devices AD5203ARU100 Datasheet HTML 11Page - Analog Devices AD5203ARU100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD5203
–9–
REV. 0
OPERATION
The AD5203 provides a quad channel, 64-position digitally-
controlled variable resistor (VR) device. Changing the pro-
grammed VR settings is accomplished by clocking in an 8-bit
serial data word into the SDI (Serial Data Input) pin. The for-
mat of this data word is two address bits, MSB first, followed by
six data bits, MSB first. Table I provides the serial register data
word format. The AD5203 has the following address assign-
ments for the ADDR decode, which determines the location of
VR latch receiving the serial register data in Bits B5 through B0:
VR# = A1
× 2 + A0 + 1
VR outputs can be changed one at a time in random sequence.
The serial clock running at 10 MHz makes it possible to load all
four VRs in under 3.2
µs (8 × 4 × 100 ns) for the AD5203. The
exact timing requirements are shown in Figure 1.
The AD5203 resets to a midscale by asserting the
RS pin, sim-
plifying initial conditions at power-up. Both parts have a power
shutdown
SHDN pin that places the RDAC in a zero power
consumption state where terminals Ax are open-circuited and
the wiper Wx is connected to Bx, resulting in only leakage cur-
rents being consumed in the VR structure. In shutdown mode
the VR latch settings are maintained so that, returning to opera-
tional mode from power shutdown, the VR settings return to
their previous resistance values.
D5
D4
D3
D2
D1
D0
RDAC
LATCH
&
DECODER
Ax
Wx
Bx
RS = RAB/64
RS
RS
RS
RS
SHDN
Figure 34. Equivalent RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance of the RDAC between Terminals A and
B are available with values of 10 k
Ω, and 100 kΩ. The final
digits of the part number determine the nominal resistance
value, e.g., 10 k
Ω = 10; 100 kΩ = 100. The nominal resistance
(RAB) of the VR has 64 contact points accessed by the wiper
terminal, plus the B terminal contact. The 6-bit data word in
the RDAC latch is decoded to select one of the 64 possible
settings. The wiper’s first connection starts at the B terminal for
data 00H. This B–terminal connection has a wiper contact resis-
tance of 45
Ω. The second connection (10 kΩ part) is the first
tap point located at 201
Ω [= R
BA(nominal resistance)/64 + RW
= 156
Ω + 45 Ω)] for data 01
H. The third connection is the next
tap point representing 312 + 45 = 357
Ω for data 02
H. Each
LSB data value increase moves the wiper up the resistor ladder
until the last tap point is reached at 9889
Ω. The wiper does not
directly connect to the B Terminal. See Figure 34 for a simpli-
fied diagram of the equivalent RDAC circuit.
The general transfer equation that determines the digitally pro-
grammed output resistance between Wx and Bx is:
RWB(Dx) = (Dx)/64
× R
BA + RW
(1)
where Dx is the data contained in the 6-bit RDACx latch and
RBA is the nominal end-to-end resistance.
For example, when VB = 0 V and A–terminal is open circuit the
following output resistance values will be set for the following
RDAC latch codes (applies to the 10K potentiometer):
D (DEC) RWB ( )
Output State
63
9889
Full-Scale
32
5045
Midscale (
RS = 0 Condition)
1
201
1 LSB
0
45
Zero-Scale (Wiper Contact Resistance)
Note that in the zero-scale condition a finite wiper resistance of
45
Ω is present. Care should be taken to limit the current flow
between W and B in this state to a maximum value of 5 mA to
avoid degradation or possible destruction of the internal switch
contact.
Like the mechanical potentiometer the RDAC replaces, it is
totally symmetrical. The resistance between the wiper W and
terminal A also produces a digitally controlled resistance RWA.
When these terminals are used the B–terminal should be tied to
the wiper. Setting the resistance value for RWA starts at a maxi-
mum value of resistance and decreases as the data loaded in the
latch is increased in value. The general transfer equation for this
operation is:
RWA(Dx) = (64-Dx)/64
× R
BA + RW
(2)
where Dx is the data contained in the 6-bit RDACx latch and
RBA is the nominal end-to-end resistance. For example, when
VA = 0 V and B–terminal is tied to the wiper W, the following
output resistance values will be set for the following RDAC
latch codes:
D (DEC)
RWA ( )
Output State
63
201
Full-Scale
32
5045
Midscale (
RS = 0 Condition)
1
9889
1 LSB
0
10045
Zero-Scale
The typical distribution of RBA from channel to channel matches
within
±1%. However, device-to-device matching is process-lot-
dependent, having a
±30% variation. The change in R
BA with
temperature has a 700 ppm/
°C temperature coefficient.


同様の部品番号 - AD5203ARU100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5203ARU100 AD-AD5203ARU100 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

同様の説明 - AD5203ARU100

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com