データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3050-0000-000N0YV227F データシート(PDF) 7 Page - Cree, Inc

部品番号 CXA3050-0000-000N0YV227F
部品情報  LED array expands Crees family of high flux, multi die integrated arrays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3050-0000-000N0YV227F データシート(HTML) 7 Page - Cree, Inc

Back Button CXA3050-0000-000N0YV227F Datasheet HTML 3Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 4Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 5Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 6Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 7Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 8Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 9Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 10Page - Cree, Inc CXA3050-0000-000N0YV227F Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa3050 LED
relative sPectral PoWer distribution (i
f = 1400 ma, tJ = 85 °c)
The following graph is the result of a series of pulsed measurements at 1400 mA and T
J = 85 °C.
electrical characteristics
The following graph is the result of a series of steady-state measurements.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000K, 70 CRI
4000K, 70 CRI
3000K, 80 CRI
3000K, 93 CRI
32
33
34
35
36
37
38
39
40
41
400
700
1000
1300
1600
1900
2200
2500
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


同様の部品番号 - CXA3050-0000-000N0YV227F

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3050 SONY-CXA3050 Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
More results

同様の説明 - CXA3050-0000-000N0YV227F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
logo
OptoDiode Corp
OD-405-99-110 OPTODIODE-OD-405-99-110 Datasheet
249Kb / 2P
   99 DIE LED ARRAY
OD-405-60-040 OPTODIODE-OD-405-60-040 Datasheet
266Kb / 2P
   60 DIE LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com