データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST050PG1SPGF データシート(PDF) 1 Page - Honeywell Solid State Electronics Center

部品番号 ST050PG1SPGF
部品情報  Stainless Steel Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST050PG1SPGF データシート(HTML) 1 Page - Honeywell Solid State Electronics Center

  ST050PG1SPGF Datasheet HTML 1Page - Honeywell Solid State Electronics Center ST050PG1SPGF Datasheet HTML 2Page - Honeywell Solid State Electronics Center ST050PG1SPGF Datasheet HTML 3Page - Honeywell Solid State Electronics Center ST050PG1SPGF Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
FEATURES
• Amplified output which
eliminates the cost of
external amplifiers
• Reverse polarity protection
prevents damaged from
reversed excitation
• Less than 500 µs response
time for accurate high
speed measurements
• Exceeds CE Heavy
Industrial EMC
• High value with
outstanding performance
TYPICAL APPLICATIONS
• Pneumatic equipment
• Air compressors
• Air filtration monitoring
• Industrial controls
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The Model ST pressure transducer combines Honeywell's proven silicon
pressure sensing with the latest in ASIC technology in a rugged, industrial
package. High value, coupled with outstanding performance, make this an
ideal transducer for industrial control applications such as air compressors
and pneumatic equipment. Temperature compensated, calibrated, and
amplified, the ST has pressure ranges from 0 psi to 5.0 psi to 0 psi to 250
psi.
The ST offers three standard output options for user flexibility, which are
as follows: a 0.50 Vdc to 4.50 Vdc ratiometric output from 5.0 Vdc excitation,
a 0.50 Vdc to 4.50 Vdc regulated output from 7.0 Vdc to 35.0 Vdc excitation,
or a 4 mA to 20 mA output from 9.5 Vdc to 35.0 Vdc. The ST transducer
delivers ±1.0% full scale accuracy (BFSL) over a wide temperature range of
-40 °C to 100 °C [-40 °F to 212 °F] and utilizes a proven industry standard
connector for high reliability.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is
provided in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.
Sensing and Control


同様の部品番号 - ST050PG1SPGF

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results

同様の説明 - ST050PG1SPGF

メーカー部品番号データシート部品情報
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Sensortechnics GmbH
SSC2035AA SENSORTECHNICS-SSC2035AA Datasheet
132Kb / 3P
   Temperature compensated silicon stainless steel pressure sensors
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
SSC1001GA SENSORTECHNICS-SSC1001GA Datasheet
97Kb / 2P
   Temperature compensated silicon stainless steel pressure sensors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com