データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1-1462051-3 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 1-1462051-3
部品情報  RF Signal Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1-1462051-3 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  1-1462051-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1-1462051-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1-1462051-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1-1462051-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1-1462051-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1-1462051-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
06-2013, Rev. 0613
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
RF Signal Relays
n
Y-Design
n
Frequency range DC to 3GHz
n
Impedance 50Ω or 75Ω
n
Small dimensions (14.6x7.2x10mm)
n
1 form C contact (1 changeover contact)
n
Immersion cleanable
n
Low power consumption (≤140mW)
Typical applications
Cable modems and linecards/ CATV, Tabs, measurement and test
equipment ATE, satellite / audio / video tuners, wireless base stations and
antennas, switching boards
Contact Data
Contact arrangement
1 form C, 1 CO
Max. switching voltage
220VDC, 250VAC
Rated current
2A
Limiting continuous current, 23°C
2A
Switching power
60W, 62.5VA,
50W (2.5GHz)
Max. continuos RF-power, 23°C
50W (2.5GHz)
Contact material
Ag, Au covered
Minimum switching voltage
100µV
Initial contact resistance
<100mΩ at 10mA, 20mV
Operate time
typ. 3ms, max. 5ms
Release time
without diode in parallel
typ. 2ms, max. 5ms
with diode in parallel
typ. 4ms, max. 6ms
Bounce time
typ. 1ms, max. 3ms
Duration of set/reset pulse min.
20ms
Mechanical endurance
107 operations
Coil Data
Coil voltage range
3 to 24VDC
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
50Ω version, monostable, 1 coil
51
3
2.25
6.50
0.30
64
140
52
4.5
3.38
9.80
0.45
145
140
53
5
3.75
10.90
0.50
178
140
54
6
4.50
13.00
0.60
257
140
55
9
6.75
19.60
0.90
574
140
56
12
9.00
26.10
1.20
1028
140
57
24
18.00
52.30
2.40
4114
140
75Ω version, monostable, 1 coil
01
3
2.25
6.50
0.30
64
140
02
4.5
3.38
9.80
0.45
145
140
03
5
3.75
10.90
0.50
178
140
04
6
4.50
13.00
0.60
257
140
05
9
6.75
19.60
0.90
574
140
06
12
9.00
26.10
1.20
1028
140
07
24
18.00
52.30
2.40
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
50Ω version, bistable, 1 coil
71
3
2.25
9.20
-2.25
128
70
72
4.5
3.38
13.85
-3.38
289
70
73
5
3.75
15.30
-3.75
357
70
74
6
4.50
18.50
-4.50
514
70
75
9
6.75
27.70
-6.75
1157
70
76
12
9.00
37.00
-9.00
2057
70
77
24
18.00
74.00
-18.00
8228
70
50Ω version, bistable, 2 coils
91
3
2.25
6.50
2.25
64
140
92
4.5
3.38
9.80
3.38
145
140
93
5
3.75
10.90
3.75
178
140
94
6
4.50
13.00
4.50
257
140
95
9
6.75
19.60
6.75
574
140
96
12
9.00
26.10
9.00
1028
140
97
24
18.00
52.30
18.00
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, bistable
Coil
Rated
Set
Limiting
Reset
Coil
Rated coil
code
voltage
voltage
voltage
voltage resistance
power
VDC
VDC
VDC
VDC
Ω±10%
mW
75Ω version, bistable, 1 coil
21
3
2.25
9.20
-2.25
128
70
22
4.5
3.38
13.85
-3.38
289
70
23
5
3.75
15.30
-3.75
357
70
24
6
4.50
18.50
-4.50
514
70
25
9
6.75
27.70
-6.75
1157
70
26
12
9.00
37.00
-9.00
2057
70
27
24
18.00
74.00
-18.00
8228
70
75Ω version, bistable, 2 coils
41
3
2.25
6.50
2.25
64
140
42
4.5
3.38
9.80
3.38
145
140
43
5
3.75
10.90
3.75
178
140
44
6
4.50
13.00
4.50
257
140
45
9
6.75
19.60
6.75
574
140
46
12
9.00
26.10
9.00
1028
140
47
24
18.00
52.30
18.00
4114
140
All figures are given for coil without pre-energization, at ambient temperature +23°C.
HF3 Relay


同様の部品番号 - 1-1462051-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1-1462051-3 MACOM-1-1462051-3 Datasheet
645Kb / 6P
   HF3 Relay
logo
TE Connectivity Ltd
1-1462051-3 TEC-1-1462051-3 Datasheet
790Kb / 6P
   Frequency range DC to 3GHz
More results

同様の説明 - 1-1462051-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
HF3 MACOM-HF3 Datasheet
1Mb / 12P
   Signal and RF Relays
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com