データシートサーチシステム |
|
1-1462051-5 データシート(PDF) 5 Page - List of Unclassifed Manufacturers |
|
1-1462051-5 データシート(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 6 page 06-2013, Rev. 0613 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 AXICOM RF Signal Relays HF3 Relay (Continued) Processing full line: typical dotted line: process limits external preheating 240°C 180°C 130°C 100°C forced cooling 20 to 40s Time [s] Vapour phase soldering temperature/time profile (lead and housing peak temp.) Recommended soldering conditions Vapour phase soldering Time [s] Recommended reflow soldering profile Infrared soldering temperature/time profile (lead and housing peak temp.) Time [s] Resistance to soldering heat Infrared soldering temperature/time profile (lead and housing peak temp.) Packing Tape and reel for SMT Reel dimensions |
同様の部品番号 - 1-1462051-5 |
|
同様の説明 - 1-1462051-5 |