データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1-1410297-7 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 1-1410297-7
部品情報  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1-1410297-7 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 1-1410297-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1-1410297-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
145
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
5
MULTIGIG RT Connector Products (Continued)
Tier 1 Options
Customization Options
(Continued)
The Tier 1 connector system
can be customized with
Differential and Single-
ended wafers. In addition,
a power wafer is available
for the 25.40 [1.000] pitch
product that provides
4 power lines and 2 sense
lines per wafer. Shown
below are differential,
single-ended and power
options.


同様の部品番号 - 1-1410297-7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1-141-W ETC2-1-141-W Datasheet
5Mb / 282P
   High-Speed Interconnect Technology
logo
Tyco Electronics
1-1414099-0 MACOM-1-1414099-0 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
1-1414099-0 MACOM-1-1414099-0 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
1-1414099-0 TEC-1-1414099-0 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
1-1414099-0 TEC-1-1414099-0 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

同様の説明 - 1-1410297-7

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com