データシートサーチシステム |
|
3-1571999-9 データシート(PDF) 11 Page - Tyco Electronics |
|
3-1571999-9 データシート(HTML) 11 Page - Tyco Electronics |
11 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 10 Switches Toggle Switches AW Series I IP67 panel mounting seal I Sleeve & Frame perfect sealed 1, 2 and 4 Break before Make No 2 or 3 Quick connect Standard Toogle 20 A @ 250 Vac 20,000 ops. -20…+70°C 33 x 19.5...36.5 x 24.5 mm Bulk F Series I Terminals are gold-flashed I Wide range of switching functions I Wide choice of toggles up to 4 Break before Make No 2 or 3 Leadwire hooking Standard, long, locking; rocker style 6 A @ 250 Vac 50,000 ops. -20…+70°C 14.8 x 8...23 x 10.5 mm Bulk Toggles Number of poles Contact timing Right angle versions Standard number of positions Terminals / Mounting style Actuator style Contact rating Electrical endurance Operating temperature range Dimensions case (LxWxH) Packaging |
同様の部品番号 - 3-1571999-9 |
|
同様の説明 - 3-1571999-9 |