データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1521 データシート(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-1521
部品情報  T-1 (3 mm) High Intensity LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1521 データシート(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1521 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical Characteristics at TA = 25°C
Symbol
Description
Device
Min.
Typ.
Max.
Units
Test Conditions
HLMP-
IV
Luminous Intensity
1320
1321
8.6
8.6
30
30
mcd
IF = 10 mA
(Figure 3)
1420
1421
9.2
9.2
15
15
mcd
IF = 10 mA
(Figure 8)
1520
1521
6.7
6.7
22
22
mcd
IF = 10 mA
(Figure 3)
2q1/2
Including Angle Between
Half Luminous Intensity
Points
All
45
Deg.
IF = 10 mA
See Note 1
(Figures 6, 11, 16, 21)
lPEAK
Peak Wavelength
132x
635
nm
Measurement
at Peak (Figure 1)
142X
152X
583
565
Dl1/2
Spectral Line Halfwidth
132x
40
nm
142X
152X
36
28
ld
Dominant Wavelength
132x
626
nm
See Note 2 (Figure 1)
142X
152X
585
569
ts
Speed of Response
132x
90
ns
142X
152X
90
500
C
Capacitance
132x
11
pF
VF = 0; f = 1 MHz
142X
152X
15
18
RqJ-PIN
Thermal Resistance
All
290
°C/W
Junction to
Cathode Lead
VF
Forward Voltage
132x
1.9
2.4
V
IF = 10 mA
142X
152X
2.0
2.1
2.4
2.7
VR
Reverse Breakdown Voltage
All
5.0
V
IR = 100 µA
hV
Luminous Efficacy
132x
145
lumens
watt
See Note 3
142X
152X
500
595
Notes:
1. q1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of
the device.
3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lv/hv, where lv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-1521

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-1521 QT-HLMP-1521 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1521 HP-HLMP-1521 Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-1521-E0000 HP-HLMP-1521-E0000 Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-1521-EE000 HP-HLMP-1521-EE000 Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-1521-EF000 HP-HLMP-1521-EF000 Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-1521

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com