データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1521-E00 データシート(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-1521-E00
部品情報  T-1 (3 mm) High Intensity LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1521-E00 データシート(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1521-E00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1521-E00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 2. Forward current vs. forward voltage
characteristics.
Figure 4. Relative efficiency (luminous intensity
per unit current) vs. peak LED current.
Figure 5. Maximum tolerable peak current vs.
pulse duration. (IDC MAX as per MAX ratings).
Figure 6. Relative luminous intensity vs. angular displacement.
Figure 1. Relative intensity vs. wavelength.
T-1 High Efficiency Red Non-Diffused
VF – FORWARD VOLTAGE – V
1.0
2.0
3.0
4.0
5.0
90
80
70
60
50
40
30
20
10
0
IDC – DC CURRENT PER LED – mA
05
10
15
20
30
25
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IPEAK – PEAK CURRENT PER LED – mA
0102040507080
30
60
90
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
tp – PULSE DURATION – µs
1.0
10
100
1,000
10,000
6
5
4
3
2
1
20°
NON-DIFFUSED
40°
60°
80°
100°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.8
.6
.4
.2
1.0
VF – FORWARD VOLTAGE – V
1.0
2.0
3.0
4.0
5.0
90
80
70
60
50
40
30
20
10
0
IDC – DC CURRENT PER LED – mA
05
10
15
20
30
25
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IPEAK – PEAK CURRENT PER LED – mA
0102040507080
30
60
90
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
VF – FORWARD VOLTAGE – V
1.0
2.0
3.0
4.0
5.0
90
80
70
60
50
40
30
20
10
0
IDC – DC CURRENT PER LED – mA
05
10
15
20
30
25
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
IPEAK – PEAK CURRENT PER LED – mA
0102040507080
30
60
90
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
tp – PULSE DURATION – µs
1.0
10
100
1,000
10,000
6
5
4
3
2
1
20°
NON-DIFFUSED
40°
60°
80°
100°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.8
.6
.4
.2
1.0


同様の部品番号 - HLMP-1521-E00

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1521-E0000 HP-HLMP-1521-E0000 Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
More results

同様の説明 - HLMP-1521-E00

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com