データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-147099-3 データシート(PDF) 2 Page - Tyco Electronics

部品番号 5-147099-3
部品情報  AMPMODU Interconnection System
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-147099-3 データシート(HTML) 2 Page - Tyco Electronics

  5-147099-3 Datasheet HTML 1Page - Tyco Electronics 5-147099-3 Datasheet HTML 2Page - Tyco Electronics 5-147099-3 Datasheet HTML 3Page - Tyco Electronics 5-147099-3 Datasheet HTML 4Page - Tyco Electronics 5-147099-3 Datasheet HTML 5Page - Tyco Electronics 5-147099-3 Datasheet HTML 6Page - Tyco Electronics 5-147099-3 Datasheet HTML 7Page - Tyco Electronics 5-147099-3 Datasheet HTML 8Page - Tyco Electronics 5-147099-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
182
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Double-Row, Outrigger Design,
.100 x .100 [2.54 x 2.54] Centerline, End to End Stackable
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Contact Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
Plating C
2
.100 [2.54]
6-534267-3
5-147099-1
8-147100-9
4
.200 [5.08]
.100 [2.54]
6-534267-7
5-147099-2
9-147100-0
6
.300 [7.62]
.200 [5.08]
6-534267-4
5-147099-3
5-147100-1
8
.400 [10.16]
.300 [7.62]
5-534267-5
5-147099-4
5-147100-2
14
.700 [17.78]
.600 [15.24]
5-534267-1
5-147099-7
5-147100-5
18
.900 [22.86]
.800 [20.32]
6-534267-0
5-147099-9
5-147100-7
20
1.000 [25.40]
.900 [22.86]
5-534267-2
6-147099-0
5-147100-8
24
1.200 [30.48]
1.100 [27.94]
5-534267-9
6-147099-2
6-147100-0
30
1.500 [38.10]
1.400 [35.56]
6-534267-2
6-147099-5
6-147100-3
36
1.800 [45.72]
1.700 [43.18]
6-534267-5
6-147099-8
6-147100-6
40
2.000 [50.80]
1.900 [48.26]
5-534267-7
7-147099-0
6-147100-8
48
2.400 [60.96]
2.300 [58.42]
6-534267-1
7-147099-4
7-147100-2
50
2.500 [63.50]
2.400 [60.96]
6-534267-8
7-147099-5
7-147100-3
60
3.000 [76.20]
2.900 [73.66]
5-534267-8
8-147099-0
7-147100-8
76
3.800 [96.52]
3.700 [93.98]
6-534267-6
8-147099-8
8-147100-6
80
4.000 [101.60]
3.900 [99.06]
5-534267-4
9-147099-0
8-147100-8
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the
maximum point-of-contact dimension and .062 for recommended board thickness if used in bottom entry
application.
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze,
plated as follows:
Plating A — Duplex .000030 [0.00076]
gold on contact area, .000150-.000300
[0.00381-0.00762] matte tin on solder
area all over .000050 [0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to the Mating Post Selection
Guide — page 90
Performance Characteristics —
page 174
Technical Documents — page 276
Product Specification
108-25022
Application Specification
114-25018
Additional receptacle assembly
sizes are available; minimum
order quantities may apply.
Consult Tyco Electronics.
Part No. 86286-1
(Plugs into receptacle contact)
Material — Natural color nylon
Dual Entry, End Stackable,
Low Profile, .100 x .100
[2.54 x 2.54] Centerline,
.300 [7.62] Tine Spacing
.245
[6.22]
Typ.
.300
[7.62]
Typ.
A
.100±.003
[2.54±0.08]
.125±.010
[3.17±0.25]
.050
[1.27]
Max.
Typ.
Recommended PC Board Hole Layout
.035±.003
[0.89±0.08]
.020
[0.51]
(Standoffs)
B
Dia.
Typ.
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.148
[3.77]
Typ.
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.198
[5.03]
Dia.
Typ.
.075
+.005
.060
-0.00
1.90
+0.13
-0.00
[
]
Keying Plug
.107
[2.72]
Typ.
(Localized Gold
Plate Area)
Point of
Contact


同様の部品番号 - 5-147099-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-147099-3 MACOM-5-147099-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
5-147099-3 MACOM-5-147099-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-147099-3 MACOM-5-147099-3 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

同様の説明 - 5-147099-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com