データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP16GJ データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 OP16GJ
部品情報  MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

OP16GJ データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OP16GJ Datasheet HTML 6Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 7Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 8Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 9Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 10Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 11Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 12Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 13Page - List of Unclassifed Manufacturers OP16GJ Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89543
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
10
DSCC FORM 2234
APR 97
TABLE IIA. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
1
1
1
Final electrical
parameters (see 4.2)
1,2,3,4,5,6,8a 1/
1,2,3,4,5,6, 1/
8A
1,2,3,4,5,6 1/
8A
Group A test
requirements (see 4.4)
1,2,3,4,5,6,7,8A, 2/
9,10
1,2,3,4,5,6, 2/
7,8A,9,10
1,2,3,4,5,6, 2/
7,8A,9,10
Group C end-point electrical
parameters (see 4.4)
1,4
1,4
1,4 3/
Group D end-point electrical
parameters (see 4.4)
1,4
1,4
1,4
Group E end-point electrical
parameters (see 4.4)
1,4
1,4
1,4
1/ PDA applies to subgroup 1. VOS, IOS, and deltas excluded from PDA.
2/ Subgroup 10, if not tested, shall be guaranteed to the limits specified in table I herein.
3/ Delta limits as specified in table IIB shall be required where specified, and delta limits shall be
computed with reference to the previous endpoint electrical parameters.
TABLE IIB. Delta limits at +25
°C.
Test
Device type
Delta limits
Min
Max
VOS
04
±0.5 mV
IIB
±45 pA
IOS
±20 pA
4.4 Conformance inspection. Technology conformance inspection for classes Q and V shall be in accordance with
MIL-PRF-38535 including groups A, B, C, D, and E inspections and as specified. Quality conformance inspection for device
class M shall be in accordance with MIL-PRF-38535, appendix A and as specified herein. Inspections to be performed for
device class M shall be those specified in method 5005 of MIL-STD-883 and herein for groups A, B, C, D, and E inspections
(see 4.4.1 through 4.4.4).
4.4.1 Group A inspection.
a.
Tests shall be as specified in table IIA herein.
b.
Subgroups 8B and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.
4.4.2 Group C inspection. The group C inspection end-point electrical parameters shall be as specified in table IIA herein.


同様の部品番号 - OP16GJ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
OP16GN8 ETC-OP16GN8 Datasheet
173Kb / 14P
   Add device type 04 for device class V and radiation hardened requirements
More results

同様の説明 - OP16GJ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
5962-8853801VGA ETC2-5962-8853801VGA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com