データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-338063-1 データシート(PDF) 10 Page - Tyco Electronics

部品番号 3-338063-1
部品情報  Products for Mobile Equipment
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-338063-1 データシート(HTML) 10 Page - Tyco Electronics

Back Button 3-338063-1 Datasheet HTML 6Page - Tyco Electronics 3-338063-1 Datasheet HTML 7Page - Tyco Electronics 3-338063-1 Datasheet HTML 8Page - Tyco Electronics 3-338063-1 Datasheet HTML 9Page - Tyco Electronics 3-338063-1 Datasheet HTML 10Page - Tyco Electronics 3-338063-1 Datasheet HTML 11Page - Tyco Electronics 3-338063-1 Datasheet HTML 12Page - Tyco Electronics 3-338063-1 Datasheet HTML 13Page - Tyco Electronics 3-338063-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Generic SIM Connector, 8 Positions
Products for Mobile Equipment
Connectors
Catalog 1654270-2
Revised 8-2007
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8
Generic SIM Connector,
8 Positions
Features
SIM (Security Identity Module)
and UIM (Universal Identity
Modules) cards have been and
continue to be used in mobile
equipment. Tyco Electronics
offers a wide selection of low
cost SMT SIM connectors with
heights from 1.9 mm to 4.0 mm
depending on your height
requirements.
All variations are packaged in
tape & reel for pick and place
manufacturing.
Material and Finish
Insulator:
LCP, glass-filled, black color
Contact Pin:
Phosphor bronze
Contact Plating:
Selectively gold over nickel plated
Documentation
Drawing:
C-338123
Product Specification:
108-19122
Test Report:
501-19011
Application Specification:
114-19054
3.0
3-338123-0
890
3.1
3-338123-1
890
3.2
3-338123-2
890
3.3
3-338123-3
890
3.4
3-338123-4
890
3.5
3-338123-5
890
3.6
3-338123-6
890
3.7
3-338123-7
890
3.8
3-338123-8
890
3.9
3-338123-9
890
4.0
4-338123-0
890
Height
(mm)
1.9
1-338123-9
1100
2.0
2-338123-0
1100
2.1
2-338123-1
1100
2.2
2-338123-2
1100
2.3
2-338123-3
1100
2.4
2-338123-4
1100
2.5
2-338123-5
1100
2.6
2-338123-6
1100
2.7
2-338123-7
1100
2.8
2-338123-8
1100
2.9
2-338123-9
890
Bold Part Number is tooled
Part
Package
Quantity
Number
(Pieces/Reel)
PCB Layout
Height
(mm)
Part
Package
Quantity
Number
(Pieces/Reel)
Dim. B
Height
2.54
7.62
7.0
10.1
max.
11.95 max.
11.7
7.62
1.9
1.5
1.7
2.54


同様の部品番号 - 3-338063-1

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-338088-3 TEC-3-338088-3 Datasheet
379Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

同様の説明 - 3-338063-1

メーカー部品番号データシート部品情報
logo
Kyocera Kinseki Corpota...
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
logo
Mitsumi Electronics, Co...
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
   Internal TV Antenna for Mobile Equipment
logo
SAMWHA ELECTRIC
CPI2016NHL1R0ME SAMWHA-CPI2016NHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NLL1R0ME SAMWHA-CPI2520NLL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3216SHL1R0ME SAMWHA-CPI3216SHL1R0ME Datasheet
107Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI3225NLL1R0ME SAMWHA-CPI3225NLL1R0ME Datasheet
109Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI1608NHQ1R0MT SAMWHA-CPI1608NHQ1R0MT Datasheet
106Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2520NHL1R0ME SAMWHA-CPI2520NHL1R0ME Datasheet
110Kb / 1P
   DC-DC converter circuits for mobile equipment
CPI2012NHL1R0ME SAMWHA-CPI2012NHL1R0ME Datasheet
112Kb / 1P
   DC-DC converter circuits for mobile equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com