データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25574MT データシート(PDF) 9 Page - Texas Instruments

部品番号 LM25574MT
部品情報  LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25574MT データシート(HTML) 9 Page - Texas Instruments

Back Button LM25574MT Datasheet HTML 5Page - Texas Instruments LM25574MT Datasheet HTML 6Page - Texas Instruments LM25574MT Datasheet HTML 7Page - Texas Instruments LM25574MT Datasheet HTML 8Page - Texas Instruments LM25574MT Datasheet HTML 9Page - Texas Instruments LM25574MT Datasheet HTML 10Page - Texas Instruments LM25574MT Datasheet HTML 11Page - Texas Instruments LM25574MT Datasheet HTML 12Page - Texas Instruments LM25574MT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
RT =
- 580 x 10
-9
135 x 10
-12
F
1
VIN
VCC
Internal Enable Signal
9V
7V
5.25V
LM25574, LM25574-Q1
www.ti.com
SNVS483G – JANUARY 2007 – REVISED APRIL 2013
An auxiliary supply voltage can be applied to the Vcc pin to reduce the IC power dissipation. If the auxiliary
voltage is greater than 7.3V, the internal regulator will essentially shut off, reducing the IC power dissipation. The
Vcc regulator series pass transistor includes a diode between Vcc and Vin that should not be forward biased in
normal operation. Therefore the auxiliary Vcc voltage should never exceed the Vin voltage.
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 45V. During line or load transients, voltage ringing on the Vin line that exceeds the
Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and GND pins are essential.
Figure 9. Vin and Vcc Sequencing
Shutdown / Standby
The LM25574 contains a dual level Shutdown (SD) circuit. When the SD pin voltage is below 0.7V, the regulator
is in a low current shutdown mode. When the SD pin voltage is greater than 0.7V but less than 1.225V, the
regulator is in standby mode. In standby mode the Vcc regulator is active but the output switch is disabled. When
the SD pin voltage exceeds 1.225V, the output switch is enabled and normal operation begins. An internal 5µA
pull-up current source configures the regulator to be fully operational if the SD pin is left open.
An external set-point voltage divider from VIN to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225V when Vin
is in the desired operating range. The internal 5µA pull-up current source must be included in calculations of the
external set-point divider. Hysteresis of 0.1V is included for both the shutdown and standby thresholds. The SD
pin is internally clamped with a 1k
Ω resistor and an 8V zener clamp. The voltage at the SD pin should never
exceed 14V. If the voltage at the SD pin exceeds 8V, the bias current will increase at a rate of 1 mA/V.
The SD pin can also be used to implement various remote enable / disable functions. Pulling the SD pin below
the 0.7V threshold totally disables the controller. If the SD pin voltage is above 1.225V the regulator will be
operational.
Oscillator and Sync Capability
The LM25574 oscillator frequency is set by a single external resistor connected between the RT pin and the
AGND pin. The RT resistor should be located very close to the device and connected directly to the pins of the IC
(RT and AGND).To set a desired oscillator frequency (F), the necessary value for the RT resistor can be
calculated from the following equation:
(1)
The SYNC pin can be used to synchronize the internal oscillator to an external clock. The external clock must be
of higher frequency than the free-running frequency set by the RT resistor. A clock circuit with an open drain
output is the recommended interface from the external clock to the SYNC pin. The clock pulse duration should
be greater than 15ns.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25574 LM25574-Q1


同様の部品番号 - LM25574MT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25574MT NSC-LM25574MT Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574MT TI-LM25574MT Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574MT TI1-LM25574MT Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574MT TI1-LM25574MT Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574MT/NOPB TI1-LM25574MT/NOPB Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

同様の説明 - LM25574MT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25574MT TI-LM25574MT Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com