データシートサーチシステム |
|
MC3487DRE4 データシート(PDF) 6 Page - Texas Instruments |
|
|
MC3487DRE4 データシート(HTML) 6 Page - Texas Instruments |
6 / 16 page MC3487 QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS098C − MAY 1980 − REVISED FEBRUARY 2004 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 0.5 V tPLZ 1 k Ω tPHZ VOLTAGE WAVEFORMS 50 Ω 0 V or 3 V Output See Note C SW2 SW1 5 V SW3 200 Ω 1.5 V 1.5 V 1.5 V 1.5 V 3 V 0 V VOL VOH TEST CIRCUIT tPZL tPZH SW1 Closed SW2 Open SW2 Closed SW1 Open Output Output 3 V 0 V 0.5 V VOH SW2 Closed SW1 Closed ≈1.5 V ≈1.5 V SW2 Closed SW1 Closed VOL Output Enable Input Generator (see Note A) CL = 15 pF (see Note B) Output Output Output Enable Input NOTES: A. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 1 MHz, duty cycle = 50%, ZO = 50 Ω. B. CL includes probe and stray capacitance. C. All diodes are 1N916 or 1N3064. Figure 4. Driver Test Circuit and Voltage Waveforms |
同様の部品番号 - MC3487DRE4 |
|
同様の説明 - MC3487DRE4 |