データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM103.SA データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SM103.SA
部品情報  General Purpose Tweezers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM103.SA データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SM103.SA Datasheet HTML 1Page - List of Unclassifed Manufacturers SM103.SA Datasheet HTML 2Page - List of Unclassifed Manufacturers SM103.SA Datasheet HTML 3Page - List of Unclassifed Manufacturers SM103.SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Tweezers -
19
SM112.SA
SM110.SA
4 3/4'' 120mm
for positioning monolithic chips capacitors, grooved tips
4 3/4'' 120mm
for positioning 5 mm monolithic chip capacitors
with flat base grooved tips ( 2 mm long)
SM111.SA
SM113.SA
SM115.SA
SM117.SA
SM114.SA
SM116.SA
K5SMD.SA
4 3/4'' 120mm
for positioning 5 mm monolithic chip capacitors at 60°.
Grooved tips
4 3/4'' 120mm
3mm long tips bent at 60° angle one forked blade lead entry
4 3/4'' 120mm
same as SM113 but with straight tips for vertical holding
4 3/4'' 120mm
grooved tips at 30° angle for holding and positioning
cylindrical devices ( up to 1 mm diam.)
4 3/4'' 120mm
grooved straight tips. for vertical positioning
of cylindrical devices (up to 1 mm diam. or more)
4 3/4'' 120mm
for positioning SOT packages at 30° angle
SMD precision tweezers set
SM103, SM107, SM108, SM111, SM115
top quality hard/foam wallet
SM108.SA
4 3/4'' 120mm
for positioning and soldering 1mm wide components.
tips are grooved inside
4 /4'' 120mm
same as SM 108 but with 45° tips without anti-crush feature
SM109.SA
3•GenPurpose_SMD
15.9.2005
13:26
Page 19


同様の部品番号 - SM103.SA

メーカー部品番号データシート部品情報
logo
DAESAN ELECTRONIC CORP.
SM103 DAESAN-SM103 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
SUNMATE electronic Co.,...
SM103 SUNMATE-SM103 Datasheet
325Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Littelfuse
SM103F5K LITTELFUSE-SM103F5K Datasheet
245Kb / 3P
   Surface Mount Thermistors MELF Style Thermistor
February 26, 2018
SM103G1K LITTELFUSE-SM103G1K Datasheet
245Kb / 3P
   Surface Mount Thermistors MELF Style Thermistor
February 26, 2018
SM103J1F LITTELFUSE-SM103J1F Datasheet
245Kb / 3P
   Surface Mount Thermistors MELF Style Thermistor
February 26, 2018
More results

同様の説明 - SM103.SA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
   Professional Quality Tweezers
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
   Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
   Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
   Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
   Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
logo
List of Unclassifed Man...
49157 ETC2-49157 Datasheet
138Kb / 1P
   Long Tweezers With Serrated Pattern Tips
logo
SparkFun Electronics
TOL-10603 SPARKFUN-TOL-10603 Datasheet
99Kb / 1P
   Tweezers ??Straight (ESD Safe)
5??6??7
TOL-10602 SPARKFUN-TOL-10602 Datasheet
107Kb / 1P
   Tweezers ??Curved (ESD Safe)
5??6??7
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com