データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9961BCPZ データシート(PDF) 5 Page - Analog Devices

部品番号 AD9961BCPZ
部品情報  10-/12-Bit, Low Power, Broadband MxFE
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9961BCPZ データシート(HTML) 5 Page - Analog Devices

  AD9961BCPZ Datasheet HTML 1Page - Analog Devices AD9961BCPZ Datasheet HTML 2Page - Analog Devices AD9961BCPZ Datasheet HTML 3Page - Analog Devices AD9961BCPZ Datasheet HTML 4Page - Analog Devices AD9961BCPZ Datasheet HTML 5Page - Analog Devices AD9961BCPZ Datasheet HTML 6Page - Analog Devices AD9961BCPZ Datasheet HTML 7Page - Analog Devices AD9961BCPZ Datasheet HTML 8Page - Analog Devices AD9961BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 5 of 60
TMIN to TMAX, RX33V = TXVDD = CLK33V = DRVDD = AUX33V = 3.3 V. All LDOs enabled, unless otherwise noted.
Table 3. Auxiliary Converter Specifications
AD9961
AD9963
Units
Parameter
Min
Typ
Max
Min
Typ
Max
AUXILIARY DAC12A/AUXDAC12B
Resolution
12
12
Bits
Differential Nonlinearity
±0.8
±0.8
LSB
Gain Error
±2.0
±2.0
%
Settling Time (±1%)
1
1
µs
AUXILIARY DAC10A/DAC10B (Range = 0.5 V to 1.5 V)
Resolution
10
10
Bits
Differential Nonlinearity
±1.0
±1.0
LSB
Gain Error
±2.0
±2.0
%
Settling Time (±1%)
10
10
µs
AUXILIARY ADC
Resolution
12
12
Bits
Differential Nonlinearity
−1.0
+1.0
−1.0
+1.0
LSB
Gain Error (Internal Reference)
−2.0
+2.0
−2.0
+2.0
%
Input Voltage Range
0
3.2
0
3.2
V
Maximum Sample Rate
50
50
kHz


同様の部品番号 - AD9961BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9961BCPZ AD-AD9961BCPZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZRL AD-AD9961BCPZRL Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
More results

同様の説明 - AD9961BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
logo
Maxim Integrated Produc...
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com