データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U0603C220GCT データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 U0603C220GCT
部品情報  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

U0603C220GCT データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  U0603C220GCT Datasheet HTML 1Page - List of Unclassifed Manufacturers U0603C220GCT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0603C220GCT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603C220GCT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603C220GCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Multilayer Ceramic Capacitors
Page <2>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dielectric
NPO
X7R
Y5V
Rated voltage (WVDC)
16 V, 25 V, 50 V, 100 V
10 V, 16 V, 25 V, 50 V, 100 V
Tan
δ*
Cap < 30 pF: Q
≥ 400+20C
Cap
≥ 30 pF: Q ≥ 1,000
Note 1
Insulation resistance at Ur
≥ 10 Ω or R × C ≥ 500 Ω × F whichever is less
Operating temperature
-55°C to +125°C
-25 to +85°C
Capacitance characteristic
±30 ppm
±15%
+30 / -80%
Termination
Ni / Sn (lead-free termination)
General Electrical Data
* Measured at the condition of 30 to 70% related humidity
NP0 : Apply 1 ±0.2 Vrms, 1 MHz ±10% for Cap ≤ 1,000 pF and 1 ±0.2 Vrms, 1 kHz ±10% for Cap>1,000 pF, 25°C at ambient
temperature
X7R : Apply 1 ±0.2 Vrms, 1 kHz ± 10%, at 25°C ambient temperature
Y5V : Apply 1 ±0.2 Vrms, 1 kHz ±10%, at 20°C ambient temperature
** Preconditioning for Class II MLCC: Perform a heat treatment at 150 ±10°C for 1 hour, then leave in ambient condition for 24 ±2
hours before measurement.
Note 1:
Rated vol.
D.F.
Exception of D.F.
≥ 50 V
≤ 2.5%
≤ 3%
0603
≥ 0.047 µF; 0805 ≥ 0.18 µF,
1206
≥ 0.47 µF
25 V
≤ 3.5%
≤ 5%
0805
≥ 1 µF; 1210 ≥ 10 µF
≤ 7%
0603
≥ 0.33 µF
10%
0402
≥ 0.1 µF; 0603 ≥ 0.68 µF
16 V
≤ 3.5%
≤ 5%
0402
≥ 0.033 µF; 0603 ≥ 0.15 µF;
0805
≥ 0.68 µF; 1206 ≥ 2.2 µF
≤ 10%
1210
≥ 22 µF; 0603 ≥ 0.68 µF
10 V
≤ 5.0%
≤ 10%
0603
≥ 0.33 µF; 0805 ≥ 2.2 µF
X7R
Rated vol.
D.F.
Exception of D.F.
≥ 50 V
≤ 5.0%
7.0%
0603
≥ 0.1 µF; 0805 ≥ 0.47 µF
25V
≤ 5.0%
≤7%
0402
≥ 0.047 µF; 0603 ≥ 0.1 µF;
0805
≥ 0.33 µF; 1206 ≥ 1 µF
≤ 9%
0402
≥ 0.068 µF; 0603 ≥ 0.47 µF
16 V (C < 1
µF)
≤ 7.0%
≤ 9%
0402
≥ 0.068 µF; 0603 ≥ 0.68 µF
16 V (C
≥ 1 µF)
≤ 9.0%
≤ 12.5%
0805
≥ 3.3 µF; 1206 ≥ 10 µF;
1210
≥ 22 µF; 1812 ≥ 47µF
10 V
≤ 12.5%
0402
≥ 0.47 µF
Y5V


同様の部品番号 - U0603C220GCT

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U0603C220GCT ETC2-U0603C220GCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

同様の説明 - U0603C220GCT

メーカー部品番号データシート部品情報
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com