データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-2A データシート(PDF) 8 Page - Powerex Power Semiconductors

部品番号 FM200TU-2A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/100 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-2A データシート(HTML) 8 Page - Powerex Power Semiconductors

  FM200TU-2A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FM200TU-2A
6-Pack High Power MOSFET Module
100 Amperes/100 Volts
8
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
0
100
160
120 140
80
60
40
20
5
1
2
0
4
3
6
CHANNEL TEMPERATURE, Tj, (°C)
DRAIN-SOURCE ON-STATE RESISTANCE
VS. TEMPERATURE (TYPICAL )
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(TYPICAL)
100
10-5
10-4
10-3
10-1
10-2
10-3
10-3
10-2
10-1
100
101
10-1
10-2
10-3
Single Pulse
TC = 25°C
ID = 100A
VGS = 12V
VGS = 15V


同様の部品番号 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com