データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-2A データシート(PDF) 2 Page - Powerex Power Semiconductors

部品番号 FM200TU-2A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/100 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-2A データシート(HTML) 2 Page - Powerex Power Semiconductors

  FM200TU-2A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-2A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM200TU-2A
6-Pack High Power MOSFET Module
100 Amperes/100 Volts
2
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
Ratings
Symbol
FM200TU-2A
Units
Channel Temperature
Tj
–40 to 150
°C
Storage Temperature
Tstg
–40 to 125
°C
Drain-Source Voltage (G-S Short)
VDSS
100
Volts
Gate-Source Voltage (D-E Short)
VGSS
±20
Volts
Drain Current (TC = 25°C)
ID(rms)
100
Arms
Peak Drain Current (Pulse)
IDM
200*
Amperes
Avalanche Current (L = 10µH, Pulse)
IDA
100*
Amperes
Source Current (TC = 25°C)**
IS(rms)
100
Arms
Peak Source Current (Pulse)**
ISM
200*
Amperes
Maximum Power Dissipation (TC = 25°C, Tj < 150°C)***
PD
410
Watts
Maximum Peak Power Dissipation (TC' = 25°C, Tj < 150°C)***
PD
560
Watts
Mounting Torque, M6 Main Terminal
40
in-lb
Mounting Torque, M6 Mounting
40
in-lb
Weight
600
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
VISO
2500
Volts
* Pulse width and repetition rate should be such that device channel temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, source-to-drain free-wheel diode (FWDi).
***TC' measured point is just under the chips. If you use this value, Rth(f-a) should be measured just under the chips.


同様の部品番号 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-2A MITSUBISHI-FM200TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com