データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-3A データシート(PDF) 5 Page - Powerex Power Semiconductors

部品番号 FM200TU-3A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/150 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-3A データシート(HTML) 5 Page - Powerex Power Semiconductors

  FM200TU-3A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-3A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM200TU-3A
6-Pack High Power MOSFET Module
100 Amperes/150 Volts
5
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
SOURCE-DRAIN VOLTAGE, VSD, VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
2.0
1.6
1.2
0.8
0.4
103
102
101
VGS = 0V
Tj = 25°C
Tj = 125oC
GATE-SOURCE VOLTAGE, VGS, (VOLTS)
DRAIN-SOURCE ON-STATE VOLTAGE
VS. GATE BIAS CHARACTERISTICS
(TYPICAL )
0
20
Tj = 25°C
ID = 200A
ID = 100A
ID = 50A
15
10
5
5
15
13
9
7
11
DRAIN-SOURCE VOLTAGE, VDS, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
VGS = 20V
15
Tj = 25°C
12
10
9
GATE-SOURCE, VGS, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
VDS = 10V
Tj = 25°C
Tj = 125oC
150
50
0
100
200
100
50
150
0
200
2.25
0.75
0
1.50
3.00
0.5
0.9
1.0
0.8
0.7
0.6


同様の部品番号 - FM200TU-3A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-3A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com