データシートサーチシステム |
|
FM200TU-3A データシート(PDF) 2 Page - Powerex Power Semiconductors |
|
FM200TU-3A データシート(HTML) 2 Page - Powerex Power Semiconductors |
2 / 8 page FM200TU-3A 6-Pack High Power MOSFET Module 100 Amperes/150 Volts 2 07/12 Rev. 1 Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com Absolute Maximum Ratings, Tj = 25°C unless otherwise specified Ratings Symbol FM200TU-3A Units Channel Temperature Tj –40 to 150 °C Storage Temperature Tstg –40 to 125 °C Drain-Source Voltage (G-S Short) VDSS 150 Volts Gate-Source Voltage (D-E Short) VGSS ±20 Volts Drain Current (TC = 25°C) ID(rms) 100 Arms Peak Drain Current (Pulse) IDM 200* Amperes Avalanche Current (L = 10µH, Pulse) IDA 100* Amperes Source Current (TC = 25°C)** IS(rms) 100 Arms Peak Source Current (Pulse)** ISM 200* Amperes Maximum Power Dissipation (TC = 25°C, Tj < 150°C)*** PD 410 Watts Maximum Peak Power Dissipation (TC' = 25°C, Tj < 150°C)*** PD 560 Watts Mounting Torque, M6 Main Terminal — 40 in-lb Mounting Torque, M6 Mounting — 40 in-lb Weight — 600 Grams Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) VISO 2500 Volts * Pulse width and repetition rate should be such that device channel temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, source-to-drain free-wheel diode (FWDi). ***TC' measured point is just under the chips. If you use this value, Rth(f-a) should be measured just under the chips. |
同様の部品番号 - FM200TU-3A |
|
同様の説明 - FM200TU-3A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |