データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-07A データシート(PDF) 4 Page - Powerex Power Semiconductors

部品番号 FM200TU-07A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/75 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-07A データシート(HTML) 4 Page - Powerex Power Semiconductors

  FM200TU-07A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FM200TU-07A
6-Pack High Power MOSFET Module
100 Amperes/75 Volts
4
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Thermal and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Channel to Case
Rth(j-c)
MOSFET part (1/6 Module)
0.30
°C/W
TC Reference Point per Outline Drawing
Thermal Resistance, Channel to Case
Rth(j-c')
MOSFET part (1/6 Module)
0.22
°C/W
Measured Point is Just Under the Chips.
Contact Thermal Resistance
Rth(c-f)
Per 1/6 Module, Thermal Grease Applied
0.1
°C/W
Thermistors Part
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Resistance*
Rth
TC = 25°C
100
B Constant*
B
Resistance at 25°C, 50°C
4000
K
*B = (InR1 – InR2) / (1/T1 – 1/T2)
R1: Resistance at T1(K),
R2: Resistance at T2(K)


同様の部品番号 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
ID226075 POWEREX-ID226075 Datasheet
317Kb / 4P
   DUAL IGBTMOD-TM POWER MODULE 75 AMPERES / 600 VOLTS
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com