データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-07A データシート(PDF) 1 Page - Powerex Power Semiconductors

部品番号 FM200TU-07A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/75 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-07A データシート(HTML) 1 Page - Powerex Power Semiconductors

  FM200TU-07A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6-PACK High Power
MOSFET Module
100 Amperes/75 Volts
FM200TU-07A
1
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Description:
Powerex MOSFET Modules are
designed for use in low voltage
switching applications. Each
module consists of 6 MOSFET
switches with low Rds(on) and a
fast recovery body diode to yield
low loss. All components and
interconnects are isolated from
the heat sink baseplate. This
offers simplified system assembly
and thermal management.
Features:
£
Low ESW(off) and Low Rds(on)
£
Super-Fast Recovery Free-
Wheel Diode
£
Thermistor for TC Sensing
£
Parallel Legs to make a Dual
Module at 3X the Rating
£
Positive Locking Connectors
£
Easy Bus Bar Layout Due to
Flow Through Power Design
Applications:
£
Forklift
£
Off road Electric Vehicle
£
Welder
£
UPS
£
Chopper
Ordering Information:
Example: Select the complete
part module number you desire
from the table below -i.e.
FM200TU-07A is a 75V (VDSS),
100 Ampere 6-Pack High Power
MOSFET Module.
Type
Current Rating
VDSS
Amperes
Volts
FM
100
75
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.33
110.0
B
3.54
90.0
C
1.38
35.0
D
3.82
97.0
E
3.15
80.0
F
3.27
83.0
G
0.26
6.5
H
0.48
12.0
J
0.51
12.9
K
0.65
16.5
L
0.63
16.0
M
1.26
32.0
N
0.35
8.8
P
0.45
11.5
Q
0.16
4.0
Dimensions
Inches
Millimeters
R
0.79
20.0
S
1.50
38.0
T
2.64
67.0
U
1.02
26.0
V
0.98
25.0
W
0.36
9.1
X
Dia. 0.25
Dia. 6.5
Y
Rad. 0.25
Rad. 6.5
Z
0.57
14.5
AA
0.55
14.0
AB
1.18
30.0
AC
0.69
17.5
AD
0.47
12.0
AE
0.61
15.5
AF
0.18
4.5
(8) GVP
(2) SVP
(11) GVN
(5) SVN
(9) GWP
(3) SWP
(12) GWN
(6) SWN
(7) GUP
(1) SUP
(10) GUN
(4) SUN
V
W
(13)
(14)
P
N
U
14 TH2
11 GVN
8 GVP
2 SVP
6 SWN
5 SVN
3 SWP
7 GUP
9 GWP
10 GUN
12 GWN
1 SUP
4 SUN
13 TH1
TERMINAL CODE
1
13
14
6
7
U
V
W
N
P
12
A
D
F
M
W
AE
AD
AA
AA
Z
Z
Z
AF
L
L
K
B
E
T
Q
Q
C
U
V
K
M
M
X
Y
P
S
R
G
G
J
H
N
X (11 PLACES)
TC
MEASURED
POINT
A
B
A
Housing Type
Tyco Electronics P/N
A: 917354-1
B: 177898-1
B
C
U
V
AB
AB
AC
Z


同様の部品番号 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
ID226075 POWEREX-ID226075 Datasheet
317Kb / 4P
   DUAL IGBTMOD-TM POWER MODULE 75 AMPERES / 600 VOLTS
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com