データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-07A データシート(PDF) 3 Page - Powerex Power Semiconductors

部品番号 FM200TU-07A
部品情報  6-PACK High Power MOSFET Module 100 Amperes/75 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM200TU-07A データシート(HTML) 3 Page - Powerex Power Semiconductors

  FM200TU-07A Datasheet HTML 1Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 2Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 3Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 4Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 5Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 6Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 7Page - Powerex Power Semiconductors FM200TU-07A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM200TU-07A
6-Pack High Power MOSFET Module
100 Amperes/75 Volts
3
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Drain-Cutoff Current
IDSS
VDS = VDSS, VGS = 0V
1.0
mA
Gate-Source Threshold Voltage
VGS(th)
ID = 10mA, VDS = 10V
4.7
6.0
7.3
Volts
Gate Leakage Current
IGSS
VGS = VGSS, VDS = 0V
1.5
µA
Static Drain-Source On-State Resistance
rDS(on)
ID = 100A, VGS = 15V, Tj = 25°C
1.2
1.65
(Chip)
ID = 100A, VGS = 15V, Tj = 125°C
1.92
Static Drain-Source On-State Voltage
VDS(on)
ID = 100A, VGS = 15V, Tj = 25°C
0.12
0.165
Volts
(Chip)
ID = 100A, VGS = 15V, Tj = 125°C
0.192
Volts
Lead Resistance
Rlead
ID = 100A, Terminal-Chip, Tj = 25°C
1.2
ID = 100A, Terminal-Chip, Tj = 125°C
1.68
Input Capacitance
Ciss
50
nF
Output Capacitance
Coss
VDS = 10V, VGS = 0V
7
nF
Reverse Transfer Capacitance
Crss
4
nF
Total Gate Charge
QG
VDD = 48V, ID = 100A, VGS = 15V
700
nC
Turn-on Delay Time
td(on)
450
ns
Rise Time
tr
VDD = 48V, ID = 100A,
400
ns
Turn-off Delay Time
td(off)
VGS1 = VGS2 = 15V, RG = 13Ω,
600
ns
Fall Time
tf
Inductive Load Switching Operation,
400
ns
Diode Reverse Recovery Time**
trr
IS = 100A
200
ns
Diode Reverse Recovery Charge**
Qrr
2.0
µC
Source-Drain Voltage
VSD
IS = 100A, VGS = 0V
1.3
Volts
**Represents characteristics of the anti-parallel, source-to-drain free-wheel diode (FWDi).


同様の部品番号 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

同様の説明 - FM200TU-07A

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
ID226075 POWEREX-ID226075 Datasheet
317Kb / 4P
   DUAL IGBTMOD-TM POWER MODULE 75 AMPERES / 600 VOLTS
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com