データシートサーチシステム |
|
74ALVCH162373GRG4 データシート(PDF) 4 Page - Texas Instruments |
|
74ALVCH162373GRG4 データシート(HTML) 4 Page - Texas Instruments |
4 / 15 page www.ti.com ELECTRICAL CHARACTERISTICS TIMING REQUIREMENTS SN74ALVCH162373 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS SCES583A – JULY 2004 – REVISED OCTOBER 2004 over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP(1) MAX UNIT IOH = -100 µA 1.65 V to 3.6 V VCC - 0.2 IOH = -2 mA 1.65 V 1.2 IOH = -4 mA 2.3 V 1.9 VOH 2.3 V 1.7 V IOH = -6 mA 3 V 2.4 IOH = -8 mA 2.7 V 2 IOH = -12 mA 3 V 2 IOL = 100 µA 1.65 V to 3.6 V 0.2 IOL = 2 mA 1.65 V 0.45 IOL = 4 mA 2.3 V 0.4 VOL 2.3 V 0.55 V IOL = 6 mA 3 V 0.55 IOL = 8 mA 2.7 V 0.6 IOL = 12 mA 3 V 0.8 II VI = VCC or GND 3.6 V ±5 µA VI = 0.58 V 1.65 V 25 VI = 1.07 V 1.65 V -25 VI = 0.7 V 2.3 V 45 II(hold) VI = 1.7 V 2.3 V -45 µA VI = 0.8 V 3 V 75 VI = 2 V 3 V -75 VI = 0 to 3.6 V(2) 3.6 V ±500 IOZ VO = VCC or GND 3.6 V ±10 µA ICC VI = VCC or GND, IO = 0 3.6 V 40 µA ∆I CC One input at VCC - 0.6 V, Other inputs at VCC or GND 3 V to 3.6 V 750 µA Control inputs 3 Ci VI = VCC or GND 3.3 V pF Data inputs 6 Co Outputs VO = VCC or GND 3.3 V 7 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another. over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 2.7 V ± 0.15 V ± 0.2 V ± 0.3 V UNIT MIN MAX MIN MAX MIN MAX MIN MAX tw Pulse duration, LE high or low 3.3 3.3 3.3 3.3 ns tsu Setup time, data before LE ↓ 1.1 1.1 1.1 1.1 ns th Hold time, data after LE ↓ 1.1 1.1 1.1 1.1 ns 4 |
同様の部品番号 - 74ALVCH162373GRG4 |
|
同様の説明 - 74ALVCH162373GRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |