データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN7405D データシート(PDF) 1 Page - Texas Instruments

部品番号 SN7405D
部品情報  HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN7405D データシート(HTML) 1 Page - Texas Instruments

  SN7405D Datasheet HTML 1Page - Texas Instruments SN7405D Datasheet HTML 2Page - Texas Instruments SN7405D Datasheet HTML 3Page - Texas Instruments SN7405D Datasheet HTML 4Page - Texas Instruments SN7405D Datasheet HTML 5Page - Texas Instruments SN7405D Datasheet HTML 6Page - Texas Instruments SN7405D Datasheet HTML 7Page - Texas Instruments SN7405D Datasheet HTML 8Page - Texas Instruments SN7405D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Package Options Include Plastic
Small-Outline (D, NS), Shrink Small-Outline
(DB), and Ceramic Flat (W) Packages,
Ceramic Chip Carriers (FK), and Standard
Plastic (N) and Ceramic (J) DIPs
D Dependable Texas Instrument Quality and
Reliability
SN5405, SN54LS05, SN54S05 ...J PACKAGE
SN7405 ...N PACKAGE
SN74LS05 . . . D, DB, N, OR NS PACKAGE
SN74S05 . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LS05, SN54S05 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN54LS05, SN54S05 ...W PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
2Y
2A
VCC
3A
3Y
4A
1Y
6A
6Y
GND
5Y
5A
4Y
description/ordering information
These devices contain six independent inverters. To perform correctly, the open-collector outputs require pullup
resistors. These devices may be connected to other open-collector outputs to implement active-low wired-OR
or active-high wire-AND functions. Open-collector devices often are used to generate high VOH levels.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN7405N
SN7405N
PDIP − N
Tube
SN74LS05N
SN74LS05N
PDIP − N
Tube
SN74S05N
SN74S05N
Tube
SN74LS05D
LS05
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS05DR
LS05
0
°C to 70°C
SOIC − D
Tube
SN74S05D
S05
Tape and reel
SN74S05DR
S05
SOP − NS
Tape and reel
SN74LS05NSR
74LS05
SOP − NS
Tape and reel
SN74S05NSR
74S05
SSOP − DB
Tape and reel
SN74LS05DBR
LS05
CDIP − J
Tube
SNJ54LS05J
SNJ54LS05J
CDIP − J
Tube
SNJ54S05J
SNJ54S05J
−55
°C to 125°C
CDIP − W
Tube
SNJ54LS05W
SNJ54LS05W
−55
°C to 125°C
CDIP − W
Tube
SNJ54S05W
SNJ54S05W
LCCC − FK
Tube
SNJ54LS05FK
SNJ54LS05FK
LCCC − FK
Tube
SNJ54S05FK
SNJ54S05FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
The SN5405 is obsolete
and no longer is supplied.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN7405D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN7405D TI-SN7405D Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN7405D TI-SN7405D Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
SN7405D TI1-SN7405D Datasheet
876Kb / 22P
[Old version datasheet]   HEX INVERTERS
SN7405DR TI-SN7405DR Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
SN7405DR TI-SN7405DR Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
More results

同様の説明 - SN7405D

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74LS04 RENESAS-HD74LS04 Datasheet
83Kb / 6P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
HD74LS04 RENESAS-HD74LS04_15 Datasheet
103Kb / 8P
   Hex Inverters / Hex Inverters (with Open Collector Outputs)
logo
Fairchild Semiconductor
DM7405 FAIRCHILD-DM7405 Datasheet
35Kb / 3P
   Hex Inverters with Open-Collector Outputs
DM74LS05 FAIRCHILD-DM74LS05 Datasheet
61Kb / 5P
   Hex Inverters with Open-Collector Outputs
logo
National Semiconductor ...
54LS05 NSC-54LS05 Datasheet
61Kb / 2P
   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
SN54LS05 TI-SN54LS05 Datasheet
697Kb / 20P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS04 HITACHI-HD74LS04 Datasheet
50Kb / 5P
   Hex Inverters(with Open Collector Outputs)
logo
Texas Instruments
SN54ALS05A TI-SN54ALS05A Datasheet
491Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS07 HITACHI-HD74LS07 Datasheet
53Kb / 6P
   Hex Buffers/Drivers(With Open Collector High-Voltage Ouputs)
logo
Texas Instruments
SN54LS06 TI-SN54LS06_95 Datasheet
91Kb / 4P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com