データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3Z2V0T1G データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 LM3Z2V0T1G
部品情報  200 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LM3Z2V0T1G データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  LM3Z2V0T1G Datasheet HTML 1Page - List of Unclassifed Manufacturers LM3Z2V0T1G Datasheet HTML 2Page - List of Unclassifed Manufacturers LM3Z2V0T1G Datasheet HTML 3Page - List of Unclassifed Manufacturers LM3Z2V0T1G Datasheet HTML 4Page - List of Unclassifed Manufacturers LM3Z2V0T1G Datasheet HTML 5Page - List of Unclassifed Manufacturers LM3Z2V0T1G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6/6
PACKAGE DIMENSIONS
SOD-323
H
J
C
E
MIN
MAX
MIN
MAX
A
B
C
D
E
H
J
K
1.60
1.15
0.80
0.25
0.00
0.089
2.30
1.80
1.35
1.00
0.40
0.10
0.177
2.7
0
0.063
0.045
0.031
0.010
0.0000
0.0035
0.091
0.071
0.053
0.039
0.016
0.004
0.0070
0.106
DIN
MILLIMETERS
INCHES
0.15 REF
0.006 REF
NOTES:
1. CONTROLLING DIMENSION: MILLIMETERS
2. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
SOLDER PLATING.
A
B
D
K
1
2
SOD-323
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
STYLE 1:
PIN 1: CATHODE
2: ANODE
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
200 mW SOD–323 Surface Mount
LM3Z2V0T1G SERIES
XINGHE ELECTRONICS
星合电子


同様の部品番号 - LM3Z2V0T1G

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LM3Z2V0T1G LRC-LM3Z2V0T1G_15 Datasheet
154Kb / 6P
   Zener Voltage Regulators
More results

同様の説明 - LM3Z2V0T1G

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LM3Z2V4T1G LEIDITECH-LM3Z2V4T1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM5Z2V0T1G LRC-LM5Z2V0T1G Datasheet
272Kb / 6P
   200 mW SOD??23 Surface Mount
logo
CHENG-YI ELECTRONIC CO....
MM3Z2V4T1 CHENG-YI-MM3Z2V4T1 Datasheet
449Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
MM3Z2V4 LEIDITECH-MM3Z2V4 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com