データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65580PWPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS65580PWPR
部品情報  4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS65580PWPR データシート(HTML) 1 Page - Texas Instruments

  TPS65580PWPR Datasheet HTML 1Page - Texas Instruments TPS65580PWPR Datasheet HTML 2Page - Texas Instruments TPS65580PWPR Datasheet HTML 3Page - Texas Instruments TPS65580PWPR Datasheet HTML 4Page - Texas Instruments TPS65580PWPR Datasheet HTML 5Page - Texas Instruments TPS65580PWPR Datasheet HTML 6Page - Texas Instruments TPS65580PWPR Datasheet HTML 7Page - Texas Instruments TPS65580PWPR Datasheet HTML 8Page - Texas Instruments TPS65580PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS65580
www.ti.com
SLVSC29 – SEPTEMBER 2013
4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
Check for Samples: TPS65580
1
FEATURES
APPLICATIONS
2
Advanced D-CAP2™ Control Mode
Point-of-Load Regulation in Low Power
Systems for Wide Range of Applications
Fast Transient Response
Digital TV Power Supply
No External Parts Required For Loop
Compensation
Networking Home Terminal
Compatible with Ceramic Output
Digital Set Top Box (STB)
Capacitors
DVD Player/Recorder
Wide Input Voltage Range : 4.5 V to 18 V
Gaming Consoles and Other
Output Voltage Range : 0.76 V to 7.0 V
DESCRIPTION
Highly Efficient Integrated FETs Optimized for
The TPS65580 is a triple, advanced D-CAP2™ mode
Low Duty Cycle Applications
synchronous buck converter. The TPS65580 enables
160 m
Ω (High Side) and 130 mΩ (Low Side)
system designers to complete the suite of various
for 2.5A
end equipment’s power bus regulators with a cost
250m
Ω (High Side) and 230mΩ (Low Side)
effective, low component count, and low standby
for 1.5A
current solution. The main control loops of the
TPS65580 uses the advanced D-CAP2™ mode
High Initial Reference Accuracy
control which provides a fast transient response with
Low-Side RDS(on) Loss-Less Current Sensing
no
external
compensation
components.
The
Fixed 1.2 ms Soft Start
TPS65580 is able to adapt to both low equivalent
series resistance (ESR) output capacitors such as
Non-Sinking Pre-Biased Soft Start
POSCAP or SP-CAP, and ultra-low ESR, ceramic
700 kHz Switching Frequency
capacitors. The device provides convenient and
Cycle-by-Cycle Over-Current Limiting Control
efficient operation with input voltages from 4.5V to
18V.
OCL, OVP, UVP, UVLO, TSD Protections
Hiccup Timer for Over Load Protection
The TPS65580 is available in 4.4mm × 6.5mm 20 pin
TSSOP (PWP) package, and is specified from –40°C
PowerGood
to 85°C ambient temperature range.
Adaptive Gate Drivers with Integrated Boost
PMOS Switch
OCP Constant Due To Thermally Compensated
rds(on) with 4000ppm/
20-Pin HTSSOP
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPS65580PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65581PWP TI1-TPS65581PWP Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS65581PWPR TI1-TPS65581PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
More results

同様の説明 - TPS65580PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65581 TI1-TPS65581 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input 1.5A, 2.5A, 1.5A Triple Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com