データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC07XSC200EK データシート(PDF) 10 Page - Freescale Semiconductor, Inc

部品番号 MC07XSC200EK
部品情報  Dual High Side Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSC200EK データシート(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC07XSC200EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC07XSC200EK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
07XSC200
OUTPUTS HS0 TO HS1 (CONTINUED)
HS[0,1] Current Sense Ratio (CSR1) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
CSR1_0_ACC
-20
-17
-28
-25
20
17
28
25
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
(17)
•IHS[0:1] = 12.5 A
CSR1_0_ACC
(CAL)
-5.0
5.0
%
HS[0,1] Current Sense Ratio (CSR1) Accuracy 
(6.0V < VHS[0:1] < 20V) with 28W bit = 1
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 37.5 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
CSR1_1_ACC
-20
-17
-28
-25
20
17
28
25
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
(17)
•IHS[0:1] = 12.5 A
CSR1_1_ACC
(CAL)
-5.0
5.0
%
Current Sense Clamp Voltage
• CSNS Open; IHS[0:1] = 5.0 A with CSR0 ratio
VCL(CSNS)
VDD+0.25
VDD+1.0
V
OFF OpenLoad Detection Source Current(18)
IOLD(OFF)
30
100
A
OFF OpenLoad Fault Detection Voltage Threshold
VOLD(THRES)
2.0
3.0
4.0
V
ON OpenLoad Fault Detection Current Threshold
IOLD(ON)
80
330
660
mA
ON OpenLoad Fault Detection Current Threshold with LED
•VHS[0:1] = VPWR - 0.75 V
IOLD(ON_LED)
2.5
5.0
10
mA
Output Short to VPWR Detection Voltage Threshold
• Output programmed OFF
VOSD(THRES)
VPWR-1.2 VPWR-0.8 VPWR-0.4
V
Output Negative Clamp Voltage
•0.5 A < IHS[0:1] < 5.0 A, Output programmed OFF
VCL
-22
-16
V
Output Overtemperature Shutdown for 4.5 V < VPWR < 28 V
TSD
155
175
195
C
Notes
17.
Based on statistical analysis. It is not production tested.
18.
Output OFF OpenLoad Detection Current is the current required to flow through the load for the purpose of detecting the existence of an
open-load condition when the specific output is commanded OFF. Pull-up current is measured for VHS = VOLD(THRES)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC07XSC200EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
More results

同様の説明 - MC07XSC200EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
Freescale Semiconductor...
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com