データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC16XSD200FK データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC16XSD200FK
部品情報  Dual 16 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC16XSD200FK データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC16XSD200FK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC16XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
16XSD200
PIN ASSIGNMENT
PIN ASSIGNMENT
Figure 3. Device Pin Assignments
Table 1. 16XSD200 Pin Description
The function of each pin is described in the section Functional Description
Pin
Number
Pin Name
Function
Formal Name
Definition
1
CSNS
Output
Output Current/
Temperature
Monitoring
This pin either outputs a current proportional to the channel’s output current or
a voltage proportional to the temperature of the GND pin (pin 14). Selection
between current and temperature sensing, as well as setting the current
sensing sensitivity are performed through the SPI interface. An external pull-
down resistor must be connected between CSNS and GND.
2
3
IN0
IN1
Input
Direct Inputs
The IN[0:1] input pins are used to directly control the switching state of both
switches and consequently the voltage on the HS0:HS1 output pins. The pins
are connected to GND by internal pull-down resistors
4
FSOB
Output
Fail-safe Output
(Active Low)
FSOB is asserted (active-low) upon entering Fail-safe mode (see Functional
Description) This open-drain output requires an external pull-up resistor to
VPWR
5
6
CONF0
CONF1
Input
Configuration Input
The CONF[0:1] input pins are used to select the appropriate overcurrent
detection profile (bulb/DC motor) for each of both channels. CONF requires a
pull-down resistor to GND.
7
FSB
Output
Fault Status
(Active Low)
This open-drain output pin (external pull-up resistor to VDD required) is set
when the device enters Fault mode (see Fault Mode)
8
CLOCK
Input
PWM Clock
The clock input gives the time-base when the device is operated in external
clock/internal PWM mode.
This pin has an internal pull-down current source.
9
RSTB
Input
Reset
This input pin is used to initialize the device’s configuration - and fault registers.
Reset puts the device in Sleep mode (low current consumption) provided it is
not stimulated by direct input signals.This pin is connected to GND by an
internal pull-down resistor.
10
CSB
Input
Chip Select
(Active Low)
This input pin is connected to the SPI chip-select output of an external micro-
controller. CSB is internally pulled up to VDD by a current source IUP.
Transparent Top View
20
19
15
14
HS0
HS1
GND
VPWR
23
22
21
16
17
18
SYNC
GND
VPWR
SO
GND
VPWR
16XSD200


同様の部品番号 - MC16XSD200FK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

同様の説明 - MC16XSD200FK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com