データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA312X-800C データシート(PDF) 10 Page - NXP Semiconductors

部品番号 BTA312X-800C
部品情報  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312X-800C データシート(HTML) 10 Page - NXP Semiconductors

Back Button BTA312X-800C Datasheet HTML 4Page - NXP Semiconductors BTA312X-800C Datasheet HTML 5Page - NXP Semiconductors BTA312X-800C Datasheet HTML 6Page - NXP Semiconductors BTA312X-800C Datasheet HTML 7Page - NXP Semiconductors BTA312X-800C Datasheet HTML 8Page - NXP Semiconductors BTA312X-800C Datasheet HTML 9Page - NXP Semiconductors BTA312X-800C Datasheet HTML 10Page - NXP Semiconductors BTA312X-800C Datasheet HTML 11Page - NXP Semiconductors BTA312X-800C Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA312X_SER_B_C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 December 2007
10 of 12
NXP Semiconductors
BTA312X series B and C
12 A Three-quadrant triacs high commutation
11. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA312X_SER_B_C_2
20071217
Product data sheet
-
BTA312X_SER_B_C_1
Modifications:
BTA312X-800C product added:
– Section 1.4 “Quick reference data” on page 1 updated.
– Section 3 “Ordering information” on page 2 updated.
– Section 4 “Limiting values” on page 2 updated.
– Section 7 “Static characteristics” on page 6 updated.
– Section 8 “Dynamic characteristics” on page 7 updated.
BTA312X_SER_B_C_1
20070411
Product data sheet
-
-


同様の部品番号 - BTA312X-800C

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
BTA312X-800C WEEN-BTA312X-800C Datasheet
262Kb / 13P
   3Q Hi-Com Triac
BTA312X-800CT WEEN-BTA312X-800CT Datasheet
403Kb / 12P
   3Q Hi-Com Triac
More results

同様の説明 - BTA312X-800C

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com