データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4527BPWE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 CD4527BPWE4
部品情報  CMOS BCD Rata Multiplier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD4527BPWE4 データシート(HTML) 6 Page - Texas Instruments

Back Button CD4527BPWE4 Datasheet HTML 2Page - Texas Instruments CD4527BPWE4 Datasheet HTML 3Page - Texas Instruments CD4527BPWE4 Datasheet HTML 4Page - Texas Instruments CD4527BPWE4 Datasheet HTML 5Page - Texas Instruments CD4527BPWE4 Datasheet HTML 6Page - Texas Instruments CD4527BPWE4 Datasheet HTML 7Page - Texas Instruments CD4527BPWE4 Datasheet HTML 8Page - Texas Instruments CD4527BPWE4 Datasheet HTML 9Page - Texas Instruments CD4527BPWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
CD4527BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4527BE
CD4527BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4527BE
CD4527BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4527B
CD4527BNSRE4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4527B
CD4527BNSRG4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4527B
CD4527BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
CD4527BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
CD4527BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
CD4527BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
CD4527BPWRE4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
CD4527BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM527B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


同様の部品番号 - CD4527BPWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4527BPW TI1-CD4527BPW Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
CD4527BPWR TI1-CD4527BPWR Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
More results

同様の説明 - CD4527BPWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
logo
Intersil Corporation
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
   CMOS BCD Rate Multiplier
December 1992
logo
Texas Instruments
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
   BCD Rate Multiplier
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
   BCD rate multiplier
January 1995
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
   CMOS BCD UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
[Old version datasheet]   CMOS Binary Rate Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com