データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3UL22 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 3UL22
部品情報  Monitoring and Control Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

3UL22 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 3UL22 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3UL22 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
7/9
Siemens LV 1 T · 2006
SIMOCODE pro 3UF7
motor management and control devices
Expansion with a ground fault measuring module with an
external summation current transformer
Instead of ground fault monitoring using the current measuring
modules or current/voltage measuring modules, it may be
necessary, especially in high-impedance grounded networks, to
implement ground fault monitoring for smaller ground fault
currents using a summation current transformer. A ground fault
module can be used to add an additional input to basic unit 2 for
connection of a summation current transformer (3UL2 20.-.A).
Maximum one ground fault module can be connected to one
basic unit 2.
3UF7 500-1AA00-0 ground fault module
1 input for connecting a summation current transformer
(3UL2 20.-.A)
1 Ready LED
2 system interfaces for connection
• To basic unit 2
• Of expansion modules
• Of a current measuring module or current/voltage measuring
module
• Of an operator panel
Note:
A ground fault module can only be used with a basic unit 2,
product version E02 and later (from April 2005).
Expansion of analog temperature monitoring with a
temperature module
Independently of the thermistor motor protection of the basic
units, up to 3 analog temperature sensors can be evaluated
using a temperature module.
The temperatures measured here can be completely integrated
in the process, monitored and supplied to a higher-level
automation system. The temperature module can be used, for
example, for analog monitoring of the temperature of the motor
windings or bearings or for monitoring the coolant or gear oil
temperature. Various sensor types are supported (resistance
sensors) for use in solid, liquid or gaseous media:
• PT100/PT1000
• KTY83/KTY84
•NTC
Maximum one temperature module can be connected to one
basic unit 2. The same sensor type must be used in all sensor
measuring circuits.
3UF7 700-1AA00-0 temperature module
3 inputs for connecting up to 3 resistance sensors in 2-wire or
3-wire circuits
1 Ready LED
2 system interfaces for connection
• To basic unit 2
• Of expansion modules
• Of a current measuring module or current/voltage measuring
module
• Of an operator panel
Note:
A temperature module can only be used with a basic unit 2,
product version E02 and later (from April 2005).


同様の説明 - 3UL22

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com