データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3UG4616 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 3UG4616
部品情報  Monitoring and Control Devices
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

3UG4616 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 3UG4616 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 13Page - List of Unclassifed Manufacturers 3UG4616 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
SIMOCODE 3UF Motor Management and Control Devices
SIMOCODE pro 3UF7
motor management and control devices
7/10
Siemens LV 1 T · 2006
Expansion with additional inputs/outputs by means of an
analog module
Basic unit 2 can be optionally expanded with analog inputs and
outputs (0/4 ... 20 mA) by means of the analog module. It is then
possible to measure and monitor any process variable that can
be mapped on a 0/4 ... 20 mA signal. Typical applications are,
for example, level monitoring for the implementation of dry run-
ning protection for pumps or monitoring the degree of pollution
of a filter using a differential pressure transducer. In this case the
automation system has free access to the measured process
variables. The analog output can be used, for example, to visu-
alize process variables on a pointer instrument. The automation
system also has free access to the output.
Maximum one analog module can be connected to one basic
unit 2. Both inputs are set to a measuring range of either
0 ... 20 mA or 4 ... 20 mA.
3UF7 400-1AA00-0 analog module
Inputs:
• 2 inputs for measuring 0/4 ... 20 mA signals
Outputs:
• 1 output to output a 0/4 ... 20 mA signal
1 Ready LED
2 system interfaces for connection
• To basic unit 2
• Of expansion modules
• Of a current measuring module or current/voltage measuring
module
• Of an operator panel
Note:
An analog module can only be used with a basic unit 2, product
version E02 and later (from April 2005).
Safe isolation
All circuits in SIMOCODE pro are safely isolated from each other
in according to IEC 60947-1. That is, they are designed with
double creepage and air distances. In the event of a fault,
therefore, no parasitic voltages can be formed in neighboring
circuits. The instructions of test report No. 2668 must be
complied with.
EEx e and EEx d types of protection
The overload protection and the thermistor motor protection of
the SIMOCODE pro system comply with the requirements for
overload protection of explosion-protected motors to the degree
of protection:
• EEx d "flameproof enclosure" e.g. according to EN 50018 or
EN 60079-1
• EEx e "increased safety" e.g. according to EN 50019 or
EN 60079-7
When using SIMOCODE pro devices with a 24 V DC control
voltage, electrical isolation must be ensured using a battery or a
safety transformer according to EN 61558-2-6.
EC type test certificate: BVS 04 ATEX F 003
Test log: BVS PP 05.2029 EG.


同様の部品番号 - 3UG4616

メーカー部品番号データシート部品情報
logo
Bivar, Inc.
3UGC BIVAR-3UGC Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED GREEN, Ultra Bright
Revision B 04/09
3UGC-F BIVAR-3UGC-F Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED GREEN, Ultra Bright
Revision B 04/09
3UGC-S BIVAR-3UGC-S Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED GREEN, Ultra Bright
Revision B 04/09
3UGC-X BIVAR-3UGC-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED GREEN, Ultra Bright
Revision B 04/09
More results

同様の説明 - 3UG4616

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com