データシートサーチシステム |
|
SL1021A600 データシート(PDF) 4 Page - Littelfuse |
|
SL1021A600 データシート(HTML) 4 Page - Littelfuse |
4 / 5 page ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 22 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1021A/B, SL1024A/B and PMT8 Series SL1021A/B, SL1024A/B and PMT8 Series 8.1 [0.319] 10.10 [0.398] 9.9 [0.354] 9.9 [0.354] 10.10 [0.398] 4.4± 0.3 [0.173± 0.12] 4.4± 0.3 [0.173± 0.12] 15 [0.590] 16.8 [0.661] 4.4 [0.173] 1.0 DIA. MAX. [0.039] 12.4 ± 1 [0.488 ± 0.039] 11.8 [0.464] 11.8 [0.464] 8.1. [0.319] 9.9 [0.354] 16.8 [0.661] 11.8 [0.464] 6.35 ± 0.5 [0.25 ± 0.25] 15 [0.590] 1.0 DIA. MAX. [0.039] 8.1 DIA. MAX. [0.319] 10.10 [0.398] 14.7 [0.579] 6.35 ± 0.5 [0.25 ± 0.25] 9.0 [0.354] 0.3mm Minimum Gap 0.3mm Minimum Gap 0.3mm Minimum Gap Mounting Area 9.0 [0.354] Mounting Area 9.0 [0.354] Mounting Area 9.9 [0.354] 10.10 [0.398] 5.5± 0.3 [0.216± 0.12] 5.5± 0.3 [0.216± 0.12] 15 [0.590] 16.8 [0.661] 4.4 [0.173] 1.0 DIA. MAX. [0.039] 12.4 ± 1 [0.488 ± 0.039] 11.8 [0.464] 8.1. [0.319] 0.3mm Minimum Gap 9.0 [0.354] Mounting Area 10.10 [0.398] 22 [0.866] 1.0 DIA. MAX. [0.039] 50 ± 3 [1.968 ± 0.118 ] 8.1 DIA. MAX. [0.319] 11.8 [0.464] 23.8 [0.937] 9.0 [0.354] Mounting Area 0.3mm Minimum Gap Type 01 / C Type 60 Type 06 / Y Type 14 / X Type 04 / R Type 05 / P PROFILE VIEW SOLDERING PAD LAYOUT SIDE VIEW TOP VIEW 7.7 ± 0.3 [0.303 ± 0.019] 10.0 ± 0.3 [0.394 ± 0.019] Ø7.0 ± 0.1 [0.275 ± 0.004] 8.3 +0.3/-0.0 [0.327 +0.019/-0.00] 8.0 +0.3/-0.1 [0.315 +0.019/-0.004] 8.5 ± 0.0 [0.335 ± 0.000] 2.2 ± 0.0 [0.087 ± 0.000] 6.0 ± 0.0 [0.236 ± 0.000] 10.75 ± 0.0 [0.423 ± 0.000] 1.2 ± 0.0 [0.047 ± 0.000] 1.2 ± 0.0 [0.047 ± 0.000] Overall Product Space DO NOT ENCROACH Device Dimensions NOTE: Failsafe option dimensions shown in green. Shaped Radial Leaded Devices: Surface Mount Devices: Straight Radial Leaded Devices: Straight "T" Leaded Devices: |
同様の部品番号 - SL1021A600 |
|
同様の説明 - SL1021A600 |