データシートサーチシステム |
|
LM158AWGRLQMLV データシート(PDF) 5 Page - Texas Instruments |
|
|
LM158AWGRLQMLV データシート(HTML) 5 Page - Texas Instruments |
5 / 30 page LM158QML www.ti.com SNOSAP3F – JULY 2005 – REVISED MARCH 2013 LM158 Electrical Characteristics SMD 5962–8771001 DC Parameters The following conditions apply, unless otherwise specified. All voltages referenced to device ground. Sub- Parameter Test Conditions Notes Min Max Units groups ICC Power Supply Current +VCC = 5V, RL = 100K, 1.2 mA 1, 2, 3 VO = 1.4V +VCC = 30V, RL = 100K, 3.0 mA 1 VO = 1.4V 4.0 mA 2, 3 VOH Output Voltage High +VCC = 30V, RL = 2KΩ 26 V 1, 2, 3 +VCC = 30V, RL = 10KΩ 27 V 1, 2, 3 VOL Output Voltage Low +VCC = 30V, RL = 10KΩ 20 mV 1, 2, 3 +VCC = 30V, ISink = 1µA 20 mV 1, 2, 3 +VCC = 5V, RL = 10KΩ 20 mV 1, 2, 3 ISink Output Sink Current +VCC = 15V, VO = 200mV, 12 µA 1 +VI = 0V, -VI = +65mV +VCC = 15V, VO = 2V, 10 mA 1 +VI = 0V, -VI = +65mV 5.0 mA 2, 3 ISource Output Source Current +VCC = 15V, VO = 2V, -20 mA 1 +VI = 0V, -VI = -65mV -10 mA 2, 3 IOS Short Circuit Current +VCC = 5V, VO = 0V -60 mA 1 VIO Input Offset Voltage +VCC = 30V, VCM = 0V, -5.0 5.0 mV 1 RS = 50Ω, VO = 1.4V -7.0 7.0 mV 2, 3 +VCC = 30V, VCM = 28.5V, -5.0 5.0 mV 1 RS = 50Ω, VO = 1.4V +VCC = 30V, VCM = 28V, -7.0 7.0 mV 2, 3 RS = 50Ω, VO = 1.4V +VCC = 5V, VCM = 0V, -5.0 5.0 mV 1 RS = 50Ω, VO = 1.4V -7.0 7.0 mV 2, 3 CMRR Common Mode Rejection Ratio +VCC = 30V, RS = 50Ω 70 dB 1 VI = 0V to 28.5V, ±IIB Input BIas Current +VCC = 5V, VCM = 0V See(1) -150 -1.0 nA 1 See(1) -300 -1.0 nA 2, 3 IIO Input Offset Current +VCC = 5V, VCM = 0V -30 30 nA 1 -100 100 nA 2, 3 PSRR Power Supply Rejection Ratio +VCC = 5V to 30V, 65 dB 1 VCM = 0V VCM Common Mode Voltage Range +VCC = 30V See(2), (3) 28.5 V 1 See(2), (3) 28.0 V 2, 3 VDiff Differential Input Voltage See(4) 32 V 1, 2, 3 AVS Large Signal Gain +VCC = 15V, RL = 2KΩ, 50 V/mV 4 VO = 1V to 11V 25 V/mV 5, 6 (1) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. (2) The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The upper end of the common-mode voltage range is V+ −1.5V (at 25°C), but either or both inputs can go to +32V without damage, independent of the magnitude of V+. (3) Specified by input offset voltage. (4) Specified parameter not tested. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM158QML |
同様の部品番号 - LM158AWGRLQMLV |
|
同様の説明 - LM158AWGRLQMLV |