データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8831IBD データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8831IBD
部品情報  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831IBD データシート(HTML) 1 Page - Texas Instruments

  DAC8831IBD Datasheet HTML 1Page - Texas Instruments DAC8831IBD Datasheet HTML 2Page - Texas Instruments DAC8831IBD Datasheet HTML 3Page - Texas Instruments DAC8831IBD Datasheet HTML 4Page - Texas Instruments DAC8831IBD Datasheet HTML 5Page - Texas Instruments DAC8831IBD Datasheet HTML 6Page - Texas Instruments DAC8831IBD Datasheet HTML 7Page - Texas Instruments DAC8831IBD Datasheet HTML 8Page - Texas Instruments DAC8831IBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
OP
A132
IVC102
DAC8831
®
1
FEATURES
DESCRIPTION
APPLICATIONS
DAC
DAC8830
SDI
SCLK
CS
V
REF
DGND
V
OUT
AGND
Input
Register
DAC Latch
RFB
INV
AGNDF
AGNDS
DGND
DAC
DAC Latch
Input
Register
DAC8831
DAC8831
Functional Block Diagram
DAC8830
Functional Block Diagram
+
+V
−V
OPA277
OPA704
OPA727
SDI
SCLK
LDAC
V
OUT
V
O
V
DD
R
FB
R
INV
V
REF−F
V
REF− S
V
DD
CS
DAC8830
DAC8831
SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007
16-Bit, Ultra-Low Power, Voltage-Output
Digital-to-Analog Converters
234
• 16-Bit Resolution
The DAC8830 and DAC8831 are single, 16-bit,
serial-input,
voltage-output
digital-to-analog
• 2.7 V to 5.5 V Single-Supply Operation
converters (DACs) operating from a single 3 V to 5 V
• Very Low Power: 15 μW for 3 V Power
power supply. These converters provide excellent
• High Accuracy, INL: 1 LSB
linearity (1 LSB INL), low glitch, low noise, and fast
• Low Noise: 10 nV/√Hz
settling (1.0
μS to 1/2 LSB of full-scale output) over
the specified temperature range of –40
°C to +85°C.
• Fast Settling: 1.0 μS
The output is unbuffered, which reduces the power
• Fast SPI™ Interface, up to 50 MHz
consumption and the error introduced by the buffer.
• Reset to Zero-Code
These parts feature a standard high-speed (clock up
• Schmitt-Trigger Inputs for Direct Optocoupler
to 50 MHz), 3 V or 5 V SPI serial interface to
Interface
communicate with a DSP or microprocessor.
• Industry-Standard Pin Configuration
The DAC8830 output is 0 V to VREF. However, the
DAC8831 provides bipolar output (±VREF) when
working with an external buffer. The DAC8830 and
• Portable Equipment
DAC8831 are both reset to zero code after power up.
For
optimum
performance,
a
set
of
Kelvin
• Automatic Test Equipment
connections to external reference and analog ground
• Industrial Process Control
input are provided on the DAC8831.
• Data Acquisition Systems
The DAC8830 is available in an SO-8 package, and
• Optical Networking
the DAC8831 in an SO-14 package. Both have
industry
standard
pinouts
(see
Table
3,
the
cross-reference table in the Application Information
section for details). The DAC8831 is also available in
a QFN-14 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor Corp.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - DAC8831IBD

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8831IBD BURR-BROWN-DAC8831IBD Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDR BURR-BROWN-DAC8831IBDR Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

同様の説明 - DAC8831IBD

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com